Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-1105301-1 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 4-1105301-1
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-1105301-1 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 4-1105301-1 Datasheet HTML 35Page - List of Unclassifed Manufacturers 4-1105301-1 Datasheet HTML 36Page - List of Unclassifed Manufacturers 4-1105301-1 Datasheet HTML 37Page - List of Unclassifed Manufacturers 4-1105301-1 Datasheet HTML 38Page - List of Unclassifed Manufacturers 4-1105301-1 Datasheet HTML 39Page - List of Unclassifed Manufacturers 4-1105301-1 Datasheet HTML 40Page - List of Unclassifed Manufacturers 4-1105301-1 Datasheet HTML 41Page - List of Unclassifed Manufacturers 4-1105301-1 Datasheet HTML 42Page - List of Unclassifed Manufacturers 4-1105301-1 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
37
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
Bezeichnung
Description
1-1105850-8
1-1105851-8
1-1105852-8
601967-1
523168-6
0-1102855-7
0-1102855-6
0,14-4mm2
0,14-4mm2
alle Querschnitte
all cross sections
RSZ.BAS
RSZ.HE-HN.D-HVT
RSZ.LC 0,14-4 mm2
Daniels Tool AFS
Turnet
AWZG-RSZ
EWZG-RSZ
Bestell-Nr.
Order No.
Querschnitt mm2
Cross section mm2
Bestelltext
Designation
Werkzeuge für Crimptechnik HE/HA Serie/Crimping tools HE/HA series
Crimpzange ohne Locator und Matrize
Crimping tool without locator and die
Locator und Matrize 0,14 – 4mm2
Locator and die 0,14 – 4mm2
Eindrückwerkzeug/Insertion tool
Bezeichnung
Description
6-1105100-1
1-1105100-1
2-1105100-1
3-1105100-1
4-1105100-1
5-1105100-1
6-1105100-2
1-1105100-2
2-1105100-2
3-1105100-2
4-1105100-2
5-1105100-2
6-1105101-1
1-1105101-1
2-1105101-1
3-1105101-1
4-1105101-1
5-1105101-1
6-1105101-2
1-1105101-2
2-1105101-2
3-1105101-2
4-1105101-2
5-1105101-2
0,14
0,5
0,75 – 1
1,5
2,5
4,0
0,14 – 0,34
0,5
0,75 – 1
1,5
2,5
4,0
0,14
0,5
0,75 – 1
1,5
2,5
4,0
0,14 – 0,34
0,5
0,75 – 1
1,5
2,5
4,0
Stiftkontakt versilbert
Pin contact silver plated
Stiftkontakt vergoldet
Pin contact gold plated
Buchsenkontakt versilbert
Socket contact silver plated
Buchsenkontakt vergoldet
Socket contact gold plated
Bestell-Nr.
Order No.
Maße mm2
Dimensions mm2
Bestelltext
Designation
Crimpkontakte HE/HA Serie/Crimp contacts HE/HA series
16A
Werkstoff: Kupferlegierung
Material: Copper alloy
Oberfläche:
Finish:
- hartversilbert
- hard silver
- hartvergoldet
- hard gold
Durchgangswiderstand:
≤1mΩ
Contact resistance:
≤1mΩ
Crimpanschluss:
Crimp terminal :
- mm
2
0,5 - 4,0 mm
2
- mm
2
0,5 - 4,0 mm
2
- AWG
20 - 12
- AWG
20 - 12
HE/HA – Gedrehte Crimpkontakte/Screw machined crimp contacts
Querschnittskennzeichnung/Designation of cross section
Kennzeichnung
Leiterquerschnitt
Abisolierlänge der
Litze
Designation
Wire cross section
Stripping length
3 Rillen/3 grooves
0,14 - 0,34 mm
2
7,5 mm
keine Rille/no groove
0,5 mm
2
7,5 mm
1 Rille/1 groove
0,75 - 1 mm
2
7,5 mm
2 Rillen/2 grooves
1,5 mm
2
7,5 mm
3 Rillen/3 grooves
2,5 mm
2
7,5 mm
keine Rille/no groove
4,0 mm
2
7,5 mm
7.5
25
ø4.5
ø2.5
22
7.5
ø4.5
Buchsenkontakt/Socket contact
7.5
25
ø4.5
ø2.5
22
7.5
ø4.5
Stiftkontakt/Pin contact
Ausdrückwerkzeug HE/Extraction tool HE
Crimpzange mit Locator und Matrize
Crimping tool with locator and die
Crimpzange ohne Locator
Crimping tool without locator
Locator hierzu
Locator for the tool


Similar Part No. - 4-1105301-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-1105301-1 TEC-4-1105301-1 Datasheet
112Kb / 1P
   ECR-08-023312
More results

Similar Description - 4-1105301-1

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com