Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

193842-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 193842-2
Description  SOCKET ASSY, 2mm, 12-14 AWG HIGHCURRENT MATE-N-LOK II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

193842-2 Datasheet(HTML) 1 Page - Tyco Electronics

  193842-2 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 193842-2

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
19384 ALPHAWIRE-19384 Datasheet
98Kb / 4P
   Customer Specification
12/12/2022
logo
List of Unclassifed Man...
193846-1 ETC2-193846-1 Datasheet
40Kb / 1P
   SOCKET ASSY, 14 AWG HIGH CURRENT TYPE
More results

Similar Description - 193842-2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
20690 VICOR-20690 Datasheet
48Kb / 1P
   SOCKET ASSY, 2MM, 12-14 AWG. HIGH CURRENT
logo
Tyco Electronics
61085 MACOM-61085 Datasheet
42Kb / 1P
   SOCKET, 156 MATE-N-LOK
350536 MACOM-350536 Datasheet
74Kb / 1P
   SOCKET, UNIVERSAL MATE-N-LOK
770010 MACOM-770010 Datasheet
103Kb / 1P
   SOCKET, UNIVERSAL MATE-N-LOK
350689-3 MACOM-350689-3 Datasheet
80Kb / 1P
   SOCKET,(LOOSE PIECE) UNIVERSAL MATE-N-LOK
logo
List of Unclassifed Man...
193846-1 ETC2-193846-1 Datasheet
40Kb / 1P
   SOCKET ASSY, 14 AWG HIGH CURRENT TYPE
logo
Tyco Electronics
171639-1 MACOM-171639-1 Datasheet
36Kb / 2P
   SOCKET LOOSE PIECE MINI UNIVERSAL MATE-N-LOK
logo
List of Unclassifed Man...
C-350537 ETC2-C-350537 Datasheet
83Kb / 1P
   Universal Mate-N-LOK
logo
Tyco Electronics
170366-1 MACOM-170366-1 Datasheet
35Kb / 1P
   MINI UNIVERSAL MATE-N-LOK SOCKET CONTACT LOOSE PIECE
logo
List of Unclassifed Man...
170365-3 ETC2-170365-3 Datasheet
34Kb / 1P
   MINI UNIVERSAL MATE-N-LOK SOCKET CONTACT LOOSE PIECE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com