Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

353907-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 353907-1
Description  1.5 mm AMP Mini CT Connector Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

353907-1 Datasheet(HTML) 1 Page - Tyco Electronics

  353907-1 Datasheet HTML 1Page - Tyco Electronics 353907-1 Datasheet HTML 2Page - Tyco Electronics 353907-1 Datasheet HTML 3Page - Tyco Electronics 353907-1 Datasheet HTML 4Page - Tyco Electronics 353907-1 Datasheet HTML 5Page - Tyco Electronics 353907-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
te.com
/products/minict
The AMP Mini CT connectors are miniature wire-to-board and wire-to-wire connectors. Like the
standard AMP CT connector series, these connectors are tailored for improved harness productivity
and feature a compact design with contacts on 1.5 mm pitch. Wire-side connectors can be used to
produce a variety of harness styles by fully automatic high-speed assembling machines.
FEATURES AND BENEFITS
2 kinds of termination method: IDC, crimp
Discrete wire interconnect
Circuits range from 2-20 single row,
22-40 dual row
AWG 24~28
Both T/H and SMT mounting styles
are available
Kinks for self-retention on boards
Many components are recognized under
the component program of Underwriters
Laboratories Inc., file No. E28476
Certified by Canadian Standards
Association, File No. LR 7189
PRODUCT APPLICATIONS
Business equipment
Industrial machines
PC, Printer and Fax
C-TV
Audio
Air conditioner
Routed power & signals
LED lighting controls
Indoor & outdoor lighting
LED illumination
Quick Reference Guide
1.5 mm AMP Mini CT Connector Series


Similar Part No. - 353907-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
353907 COOPER-353907 Datasheet
51Kb / 2P
   Square Body ??DIN 43 653
More results

Similar Description - 353907-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-292246-2 MACOM-2-292246-2 Datasheet
328Kb / 3P
   RECEPTACLE ASSEMBLY FOR AMP 1.5 PITCH MINI CT HYBRID LATTICE CONNECTOR
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
1-292227-4 MACOM-1-292227-4 Datasheet
257Kb / 4P
   AMP MiNi CT Connector 1.5mm PITCH
292132-2 MACOM-292132-2 Datasheet
662Kb / 6P
   AMP CT Connector Series
logo
TE Connectivity Ltd
1-353293-6 TEC-1-353293-6 Datasheet
350Kb / 6P
   Connector Assembly, Receptacle, Wire-to-Board, 16 Position, .06 in [1.5 mm] Centerline, Insulation Displacement (IDC), 1 Row, Natural, AMP Mini CT
06/20/2023
logo
Tyco Electronics
1-353908-3 MACOM-1-353908-3 Datasheet
105Kb / 2P
   AMP MINI COMMON TERMINATED (CT) CONNECTOR 1.5mm PITCH HOUSING, CRIMP TYPE
38221 MACOM-38221 Datasheet
186Kb / 9P
   AMP SUPERSEAL 1.5 SERIES
logo
TE Connectivity Ltd
353908-9 TEC-353908-9 Datasheet
219Kb / 5P
   Housing, Receptacle, Wire-to-Wire / Wire-to-Board / Wire-to-Panel, 9 Position, 1.5 mm [.059 in] Centerline, Crimp, 1 Row, White, AMP Mini CT
09/30/2022
logo
Panasonic Semiconductor
LN229RPH PANASONIC-LN229RPH Datasheet
31Kb / 1P
   5.0 mm X 1.5 mm Series
LN229RP PANASONIC-LN229RP Datasheet
31Kb / 1P
   5.0 mm X 1.5 mm Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com