Electronic Components Datasheet Search |
|
1445359 Datasheet(PDF) 5 Page - Tyco Electronics |
|
1445359 Datasheet(HTML) 5 Page - Tyco Electronics |
5 / 84 page 5 Connector Kits — Ribbon Cable Feed-Thru and Closed End Connectors Material and Finish Housing — UL 94V-2 rated, thermo- plastic Contacts — Phosphor bronze; .000100 [0.00254] min. tin in wire termination area, over .000050 [0.00127] min. nickel; choice on mating end: .000100 [0.00254] min. tin or .000030 [0.00076] gold or .000015 [0.00038] gold, over .000050 [0.00127] min. nickel Color Coding by Wire Size for UL94V-0 Connectors 26 AWG — Blue 28 AWG — Green 30 AWG — Brown For Strain Relief Covers see page 6. For mating Headers see pages 9 and 10. For Mateability Guide, see matrixes on page 4. A ± .004 [ ± 0.10] (See Note 1) .050 [1.27] .035 [0.89] .100 ± .003 [2.54 ± 0.08] .190 ± .003 [4.83 ± 0.08] Ref. Ref. Position 1 .150 [3.81] .315 ± .006 [8.00 ± 0.15] Connector Kit Ordering Information Connector Kit consists of Receptacle Assembly and Strain Relief Cover. Base part number prefixes and suffixes indicate the number of circuit positions, for example: Base part num- ber 1445359 2 position = 0-1445359-2 and 28 position = 2-1445359-8 Base Part Numbers Connector Feed-Thru Closed End Type & Connector Kit No. of Connector Kit No. of Wire Size Part Nos. Circuits Part Nos. Circuits Tin Plated 26 AWG 1445359 2–28 1445368 2–28 0.12–0.15 mm2 28 AWG 1445362 2–28 1445371 2–28 0.08–0.09 mm2 30 AWG 1445365 2–28 1445374 2–28 0.05–0.06 mm2 .000030 [0.00076] Gold Plated 26 AWG 1445361 2–28 1445370 2–28 0.12–0.15 mm2 28 AWG 1445364 2–28 1445373 2–28 0.08–0.09 mm2 30 AWG 1445367 2–28 1445376 2–28 0.05–0.06 mm2 .000015 [0.00038] Gold Plated 26 AWG 1445360 2–28 1445369 2–28 0.12–0.15 mm2 28 AWG 1445363 2–28 1445372 2–28 0.08–0.09 mm2 30 AWG 1445366 2–28 1445375 2–28 0.05–0.06 mm2 Notes: 1. To determine connector overall length (dim. A), multiply .050 x the number of circuits and add .082. Example: .050 x 10 circuits equals 0.50 + .082 = .582 [14.78]. 2. Strain relief covers shown on page 6 are required and sold as part of the Connector Kit. 3. Stranded UL Style 1061 or equiv- alent wire is recommended. 4. Unless otherwise stated all toler- ances (except plating) to be ±.005 [±0.13]. 5. Consult Product Drawing for RoHS Compliant information. Note: Tin-plated connectors and headers in even position sizes from 2–12 and 18 are stocked parts; all other position sizes and products with gold-plated contacts are Make To Order. Receptacle Assemblies — Ribbon Cable MTA-50 IDC Connectors and Headers (Continued) MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
Similar Part No. - 1445359 |
|
Similar Description - 1445359 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |