Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375B3V3C100BL Datasheet(PDF) 4 Page - Vicor Corporation

Part # V375B3V3C100BL
Description  Off-line systems with auto-ranging or PFC front ends, industrial and process control,
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375B3V3C100BL Datasheet(HTML) 4 Page - Vicor Corporation

  V375B3V3C100BL Datasheet HTML 1Page - Vicor Corporation V375B3V3C100BL Datasheet HTML 2Page - Vicor Corporation V375B3V3C100BL Datasheet HTML 3Page - Vicor Corporation V375B3V3C100BL Datasheet HTML 4Page - Vicor Corporation V375B3V3C100BL Datasheet HTML 5Page - Vicor Corporation V375B3V3C100BL Datasheet HTML 6Page - Vicor Corporation V375B3V3C100BL Datasheet HTML 7Page - Vicor Corporation V375B3V3C100BL Datasheet HTML 8Page - Vicor Corporation V375B3V3C100BL Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
375V Mini Family
Rev 8.6
vicorpower.com
Page 4 of 13
4/2013
800 735.6200
375V Input
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
73.6
74.6
%
Nominal input; full load; 25°C
Ripple and noise
100
125
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
2.7
2.8
2.9
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
5.1
5.3
Watts
No load
Load regulation
±0.02
±0.3
%
No load to full load; nominal input
Load current
0
50
Amps
Current limit
51
57.5
70
Amps
Output voltage 95% of nominal
Short circuit current
35
57.5
70
Amps
Output voltage <250 mV
MODULE SPECIFIC OPERATING SPECIFICATIONS
2 Vout, 100 W (e.g. V375B2C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
77.9
79.2
%
Nominal input; full load; 25°C
Ripple and noise
108
135
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
3.8
5.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
30.3
Amps
Current limit
30.9
34.8
41
Amps
Output voltage 95% of nominal
Short circuit current
17.4
34.8
41
Amps
Output voltage <250 mV
3.3 Vout, 100 W (e.g. V375B3V3C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
77.5
79
%
Nominal input; full load; 25°C
Ripple and noise
100
125
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
5.1
7.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
45.45
Amps
Current limit
45.5
53.8
63.7
Amps
Output voltage 95% of nominal
Short circuit current
31.8
54.5
63.7
Amps
Output voltage <250 mV
3.3 Vout, 150 W (e.g. V375B3V3C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
82
83.4
%
Nominal input; full load; 25°C
Ripple and noise
120
150
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
5.5
6.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
30
Amps
Current limit
30.6
34.5
40.5
Amps
Output voltage 95% of nominal
Short circuit current
21
34.5
40.5
Amps
Output voltage <250 mV
5 Vout, 150 W (e.g. V375B5C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
82
83
%
Nominal input; full load; 25°C
Ripple and noise
110
138
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
5.4
8.1
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
40
Amps
Current limit
40.8
46
52
Amps
Output voltage 95% of nominal
Short circuit current
28
46
52
Amps
Output voltage <250 mV
5 Vout, 200 W (e.g. V375B5C200BL)


Similar Part No. - V375B3V3C100BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375B3V3C150B VICOR-V375B3V3C150B Datasheet
146Kb / 8P
   375Vin / 3.3Vout / 150Watts DC-DC Converter Module
More results

Similar Description - V375B3V3C100BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300C28M150BL VICOR-V300C28M150BL Datasheet
817Kb / 13P
   Off-line systems with auto-ranging or PFC front ends, industrial and process control,
V300B36H250BL3 VICOR-V300B36H250BL3 Datasheet
818Kb / 13P
   Off-line systems with auto-ranging or PFC front ends, industrial and process control,
logo
Analog Devices
AD4110-1 AD-AD4110-1 Datasheet
1Mb / 74P
   Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
ETAL Group
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
logo
Emerson Network Power
LPS150 EMERSON-NETWORKPOWER-LPS150 Datasheet
746Kb / 2P
   Auto ranging input
logo
Texas Instruments
TPS92311 TI1-TPS92311_14 Datasheet
332Kb / 24P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
TPS92314 TI-TPS92314 Datasheet
916Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92314DR TI-TPS92314DR Datasheet
922Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com