Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

929963-1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 929963-1
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

929963-1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  929963-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 929963-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 929963-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 929963-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 929963-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 929963-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 929963-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 929963-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 929963-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
Inhalt/Contents
HF-Serie/HF series
175 – 176
Schutzkontakt-Serie/Schutzkontakt series
177
Quick-In-System/Quick-In-System
178
Schirmzubehör/Accessories for braided/shielded applications
181 – 183
Schutzhauben/Cover
184 – 185
Adapterbleche/Adapter plates
186 – 187
Kabelverschraubungen/Cable fittings
188 – 193
Modul System MDL/Module System MDL
194 – 203
Modul System HVS/Module System HVS
204 – 213
Bestellnummern mit Seitenangabe/Ordering Numbers with pages
214 – 228
Seite/Page
Produkt-Übersicht/Product overview
4 – 09
Technische Hinweise/Technical information
10 – 27
Anschlussarten/Termination types
28 – 31
Crimpkontakte und Werkzeuge/Crimp contacts and tools
32 – 44
Kontakteinsätze/Contact inserts
Gehäuse-Serien/Housing series
Baugrösse/Size
HA.3, HA.4, HE-Q.5, HD.7, HN.D.7
1
45 – 48
HA.3, HG-Q.5, EMV.3/4, HIP-K.3/4
1
49 – 54
HG-Q 4+2, HG-Q 8, HG-Q 10
Q
55
HG-Q, HG-Q.EMV
Q
56 – 58
HA.10, HD.15, HN.D.15
2
60 – 62
HA.10, HD.15
2
63 – 65
HE.6, HEE.10, HVT.8, HD.16, HN.2D.24, HSK 4+2
3
66 – 72
HB.6, HB-KF.6, HD.16, EMV-K.6/16, HIP-K.6/16
3
73 – 80
HE.10, HEE.18, HVT.14, HD.24, HN.2D.42, HMX 8/24
4
81 – 86
HB.10, HB-KF.10, HD.24, EMV-K.10/24, HIP-K.10/24
4
87 – 99
HA.16, HD.25, HN.D.25
5
100 – 102
HA.16, HD.25
5
103 – 105
HSB.6/35, HE.16, HEE.32, HVT.23, HD.40,
HN.D.40, HSK.6+36, HN.2D.72, HMX 6/12,
HMX 12/2, HMX 4/0, HMX 4/1
6
106 – 114
HB.16, HB-KF.16, HD.40, EMV-K.16/40, HIP-K.16/40
6
115 – 126
HA.32, 2xHN.D.25, 2xHD.25
7
127 – 129
HA.32
7
130 – 131
HSS.8+2, HMX.4/8, HE.24, HEE.46, HVT.35,
HVT.48, HD.64, HN.D.64, HN.2D.108
8
132 – 138
HB.24, HB-KF.24, HD.64, HD-KF.64, HD.108,
EMV-K.24/64, EMV-KF/K.64, HI-KP.24/64, HIP-KF.24/64
8
139 – 151
HA.48
9
152
HA.48
9
153 – 154
HSB.12/35, HE.32, HD.80, HN.D.80, HN.2D.144
10
155 – 159
HB.32
10
160 – 165
HA.64
11
166
HA.64
11
167
HE.48, HD.128, HN.D.128, HN.2D.216, HEE 92
12
168 – 171
HB.48
12
172 – 174


Similar Part No. - 929963-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
929967 TEC-929967 Datasheet
4Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
More results

Similar Description - 929963-1

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com