Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC910-BDC-WP Datasheet(PDF) 6 Page - Cymbet Corporation

Part # CBC910-BDC-WP
Description  Charge Pump and Battery Management ASIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC910-BDC-WP Datasheet(HTML) 6 Page - Cymbet Corporation

Back Button CBC910-BDC-WP Datasheet HTML 2Page - Cymbet Corporation CBC910-BDC-WP Datasheet HTML 3Page - Cymbet Corporation CBC910-BDC-WP Datasheet HTML 4Page - Cymbet Corporation CBC910-BDC-WP Datasheet HTML 5Page - Cymbet Corporation CBC910-BDC-WP Datasheet HTML 6Page - Cymbet Corporation CBC910-BDC-WP Datasheet HTML 7Page - Cymbet Corporation CBC910-BDC-WP Datasheet HTML 8Page - Cymbet Corporation CBC910-BDC-WP Datasheet HTML 9Page - Cymbet Corporation CBC910-BDC-WP Datasheet HTML 10Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CBC910
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-11 Rev 5
Page 6 of 14
Preliminary
Note:Allspecificationscontainedwithinthisdocumentaresubjecttochangewithoutnotice
CHARGE PUMP CHARACTERISTICS
VDD = 2.5V to 5.5V, Ta = -40ºC to +85ºC
CHARACTERISTIC
SYMBOL
CONDITION
MIN
MAX
UNITS
ENABLE=VDD to Charge
Pump Active
tCPON
ENABLE to 3rd charge pump
pulse, VDD=3.3V
60
80
µs
ENABLE Falling to
Charge Pump Inactive
tCPOFF
-
0
1
µs
Charge Pump Frequency
fCP
-
120
KHz (1)
Charge Pump
Resistance
RCP
Delta VBAT, for IBAT charging
current of 1µA to 100µA
CFLY=0.1µF, CBAT=1.0µF
150
300
VCHG Output Voltage
VCP
CFLY=0.1µF, CBAT=1.0µF,
IOUT=1µA, Temp=+25ºC
4.075
4.125
V
VCHG Temp. Coefficient
TCCP
IOUT=1µA, Temp=+25ºC
-2.0
-2.4
mV/ºC
Charge Pump Current
Drive
ICP
IBAT=1mA
CFLY=0.1µF, CBAT=1.0µF
1.0
-
mA
Charge Pump on Voltage
VENABLE
ENABLE=VDD
2.5
-
V
(1) fCP = 1/tCPPER
ADDITIONAL CHARACTERISTICS
Ta = -40ºC to +85ºC
CHARACTERISTIC
SYMBOL
CONDITION
LIMITS
UNITS
MIN
MAX
VBAT Cutoff Threshold
VBATCO
IOUT=1µA
2.75
3.25
V
Cutoff Temp. Coefficient
TCCO
-
+1
+2
mV/ºC
VBAT Cutoff Delay Time
tCOOFF
VBAT from 40mV above to
20mV below VBATCO
IOUT=1µA
40
-
ms
VOUT Dead Time, VDD
Rising (2)
tRSBR
IOUT=1mA
VBAT=4.1V
0.2
2.0
µs
VOUT Dead Time, VDD
Falling (2)
tRSBF
VBAT=4.1V
0.2
2.0
µs
Bypass Resistance
ROUT
-
-
2.5
(2) Dead time is the time period when the VOUT pin is floating. Size the holding capacitor accordingly.


Similar Part No. - CBC910-BDC-WP

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC910-BDC-WP CYMBET-CBC910-BDC-WP Datasheet
608Kb / 14P
   Charge Pump and Battery Management ASIC Bare Die
More results

Similar Description - CBC910-BDC-WP

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
DS-72-11 CYMBET-DS-72-11 Datasheet
608Kb / 14P
   Charge Pump and Battery Management ASIC Bare Die
logo
National Semiconductor ...
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
   Battery Charge Management and Regulator Unit
logo
Texas Instruments
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
[Old version datasheet]   Battery Charge Management and Regulator Unit
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
   Battery Charge Management System
logo
Shenzhen Huazhimei Semi...
HM5065 HMSEMI-HM5065 Datasheet
1Mb / 13P
   battery charge management chip
HM4205 HMSEMI-HM4205 Datasheet
637Kb / 9P
   Solar lithium battery charge and discharge management chip
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
LTH7S FUMAN-LTH7S Datasheet
333Kb / 5P
   Charge and Charge Management IC
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com