Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-5353135-0 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1-5353135-0
Description  Stacking Height Guide for Parallel Board-to-Board Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-5353135-0 Datasheet(HTML) 4 Page - Tyco Electronics

  1-5353135-0 Datasheet HTML 1Page - Tyco Electronics 1-5353135-0 Datasheet HTML 2Page - Tyco Electronics 1-5353135-0 Datasheet HTML 3Page - Tyco Electronics 1-5353135-0 Datasheet HTML 4Page - Tyco Electronics 1-5353135-0 Datasheet HTML 5Page - Tyco Electronics 1-5353135-0 Datasheet HTML 6Page - Tyco Electronics 1-5353135-0 Datasheet HTML 7Page - Tyco Electronics 1-5353135-0 Datasheet HTML 8Page - Tyco Electronics 1-5353135-0 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
29
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
0.6mm Free Height (FH) and GIGA Connectors (Continued)
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Plug/Receptacle Mating
Cross-Sections
Cross-Section of Grounding Position
Cross-Section of Signal Position
Cross-Section of Grounding Position
Cross-Section of Signal Position
Typical Example of 4H Receptacle with Common Ground Contacts
and 4H GIGA Plug with Ground Plates
Typical Example of 8H and 12H Receptacle and Plug;
both with Ground Plates
PC Board
PC Board
PC Board
Plug
Assembly
Receptacle
PC Board
Plug
Assembly
Receptacle
Contact
Ground Plate
Housing
Housing
Contact
Contact
Ground Plate
Housing
Housing
Contact


Similar Part No. - 1-5353135-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-5353187-0 MACOM-1-5353187-0 Datasheet
250Kb / 2P
   EMBOSS ASSY
1-5353187-1 MACOM-1-5353187-1 Datasheet
250Kb / 2P
   EMBOSS ASSY
1-5353190-0 MACOM-1-5353190-0 Datasheet
329Kb / 3P
   EMBOSS ASSY FH 0.6BTB CONNECTOR REC 4H WITH G-CONTACT
1-5353190-1 MACOM-1-5353190-1 Datasheet
329Kb / 3P
   EMBOSS ASSY FH 0.6BTB CONNECTOR REC 4H WITH G-CONTACT
More results

Similar Description - 1-5353135-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5120532-1 MACOM-5120532-1 Datasheet
260Kb / 7P
   Stacking Height Guide for Parallel Board-to-Board Applications
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
421686 MACOM-421686 Datasheet
327Kb / 9P
   Stacking Height Guide for Parallel Board-to-Board Applications
5179030-5 MACOM-5179030-5 Datasheet
418Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5-5179010-2 MACOM-5-5179010-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com