Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-5316318-1 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 1-5316318-1
Description  Stacking Height Guide for Parallel Board-to-Board Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-5316318-1 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 1-5316318-1 Datasheet HTML 7Page - Tyco Electronics 1-5316318-1 Datasheet HTML 8Page - Tyco Electronics 1-5316318-1 Datasheet HTML 9Page - Tyco Electronics 1-5316318-1 Datasheet HTML 10Page - Tyco Electronics 1-5316318-1 Datasheet HTML 11Page - Tyco Electronics 1-5316318-1 Datasheet HTML 12Page - Tyco Electronics 1-5316318-1 Datasheet HTML 13Page - Tyco Electronics 1-5316318-1 Datasheet HTML 14Page - Tyco Electronics 1-5316318-1 Datasheet HTML 15Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
36
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Recommended PC Board Layouts and Grounding Circuit Positions
For 50-, 70-, 80- and
100-Position Receptacles
For 70-Position Receptacles
*Spacing between grounding circuits
For 80-Position Receptacles
*Spacing between grounding circuits
Stacking
Dimensions
Height
AB
1.5
3.6
4H
.059
.142
1.75
3.8
8H
.069
.150
1.75
3.8
12H
.069
.150
0.9
[.035]
Dia.
1.6
[.063]
Dia.
3.3
[.130]
2 Plc.
1.65
[.065]
2 Plc.
0.6
[.024]
Typ.
0.3
[.012]
Typ.
Typ.
14.4
[.567]
6.0*
[.236]
17.6
[.693]
19.8
[.780]
A Min.
A Min.
A Min.
A Min.
B
B
B
C
L
C
L
C
L
For 50-Position Receptacles
*Spacing between grounding circuits
0.9
[.035]
Dia.
0.9
[.035]
Dia.
1.6
[.063]
Dia.
1.6
[.063]
Dia.
3.3
[.130]
2 Plc.
3.3
[.130]
2 Plc.
1.65
[.065]
2 Plc.
1.65
[.065]
2 Plc.
0.6
[.024]
Typ.
0.6
[.024]
Typ.
0.3
[.012]
Typ.
0.3
[.012]
20.4
[.803]
6.0*
[.236]
6.0*
[.236]
6.0*
[.236]
6.0*
[.236]
5.4*
[.213]
6.0*
[.236]
23.6
[.929]
24.8
[.976]
23.4
[.921]
26.6
[1.047]
27.8
[1.094]
A Min.
A Min.
For 100-Position Standard Receptacles
*Spacing between grounding circuits
1.6
[.063]
Dia.
32.6
[1.284]
29.4
[1.158]
33.8
[1.331]
C
L
5.4*
[.213]
6.0*
[.236]
6.0*
[.236]
6.0*
[.236]
6.0*
[.236]
0.6
[.024]
Typ.
B
A Min.
A Min.
3.3
[.130]
2 Plc.
1.65
[.065]
2 Plc.
Typ.
0.3
[.012]
0.9
[.035]
Dia.


Similar Part No. - 1-5316318-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-531020-0 MACOM-1-531020-0 Datasheet
275Kb / 2P
   ROTARY ZIF CONNECTOR. 100x200. SOLDER POST OPEN ONE END
1-531020-1 MACOM-1-531020-1 Datasheet
275Kb / 2P
   ROTARY ZIF CONNECTOR. 100x200. SOLDER POST OPEN ONE END
1-531020-3 MACOM-1-531020-3 Datasheet
275Kb / 2P
   ROTARY ZIF CONNECTOR. 100x200. SOLDER POST OPEN ONE END
1-531020-4 MACOM-1-531020-4 Datasheet
275Kb / 2P
   ROTARY ZIF CONNECTOR. 100x200. SOLDER POST OPEN ONE END
1-531020-5 MACOM-1-531020-5 Datasheet
275Kb / 2P
   ROTARY ZIF CONNECTOR. 100x200. SOLDER POST OPEN ONE END
More results

Similar Description - 1-5316318-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5120532-1 MACOM-5120532-1 Datasheet
260Kb / 7P
   Stacking Height Guide for Parallel Board-to-Board Applications
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
421686 MACOM-421686 Datasheet
327Kb / 9P
   Stacking Height Guide for Parallel Board-to-Board Applications
5179030-5 MACOM-5179030-5 Datasheet
418Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5-5179010-2 MACOM-5-5179010-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com