Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91285-1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 91285-1
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91285-1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 91285-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 91285-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 91285-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 91285-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 91285-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 91285-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 91285-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers 91285-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers 91285-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
5
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
HVT
400V
16A
3
Crimp
DIN VDE
0627
EN 61984
HSB
400V
35A
3
Screw
DIN VDE
0627
EN 61984
HSK
6/36
690V/
250V
40A/10A
3
Crimp
DIN VDE
0627
EN 61984
HMX
12/2
500V/
250V
40A/10A
3
Crimp
DIN VDE
0627
EN 61984
HMX
6/12
690V/
400V
40A/10A
3
Crimp
DIN VDE
0627
EN 61984
HSS
600V/
400V
63A/16A
3
Crimp
DIN VDE
0627
EN 61984
HMX
(4/0, 4/2)
690V
400V
80A/16A
3
Screw
DIN VDE
0627
EN 61984
HSK
4/2
500V/
400V
40A/16A
3
Screw
DIN VDE
0627
EN 61984
HMX
8/24
400V/
250V
16A/10A
3
Crimp
DIN VDE
0627
EN 61984
HF 8
1000V
250A
3
Crimp
DIN VDE
0627
EN 61984
HF 13
3000V
350A
3
Crimp
DIN VDE
0627
EN 61984
HG-Q8
500V
16A
Crimp
ISO
23570-3
HG-
Q4+2
690V
40A
Crimp
ISO
23570-3
HG-Q10
400V
20A
Crimp
DIN VDE
0627
EN 61984
HN.2D
250V
10A
3
Crimp
DIN VDE
0627
EN 61984
70
85
109
135
157
169
24
42
72
108
144
216
68
83
108
134
8
14
23
35
48
113
156
6
12
111
6/36
112
12/2
112
6/12
137
8/2
113
137
4/0
4/2
4/8
71
4/2
85
8/24
175
4
175
4
55
8
55
4/2
55
10
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page
Pole Seite
Pos. Page


Similar Part No. - 91285-1

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
9128 ENERCON-9128 Datasheet
840Kb / 3P
   PCB level Ethernet Switch, 1GE Managed 24-Port Ethernet Router/Switch 4 ports 10G
Jan 25, 2020
logo
Heyco.
9128 HEYCO-9128 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Vishay Telefunken
912884 TFUNK-912884 Datasheet
384Kb / 6P
   Silicon NPN Epitaxial Planar RF Transistors Applications: Video-B-class power stages in TV-receivers
More results

Similar Description - 91285-1

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com