Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32529C0155J189 Datasheet(PDF) 4 Page - EPCOS

Part # B32529C0155J189
Description  Film Capacitors
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32529C0155J189 Datasheet(HTML) 4 Page - EPCOS

  B32529C0155J189 Datasheet HTML 1Page - EPCOS B32529C0155J189 Datasheet HTML 2Page - EPCOS B32529C0155J189 Datasheet HTML 3Page - EPCOS B32529C0155J189 Datasheet HTML 4Page - EPCOS B32529C0155J189 Datasheet HTML 5Page - EPCOS B32529C0155J189 Datasheet HTML 6Page - EPCOS B32529C0155J189 Datasheet HTML 7Page - EPCOS B32529C0155J189 Datasheet HTML 8Page - EPCOS B32529C0155J189 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Overview of available types
Technology: s = Stacked-film technology / w = Wound capacitor technology
Lead spacing 15.0 mm
22.5 mm
27.5 mm
Type
B32522
B32523
B32524
Page
14
17
18
Technology
s
s/w s/w s
w
s
w
w
w
w
w
w
w
w
w
w
VR (V DC)
63
100 250 400 450 630 63
100 250 400 630 63
100 250 400 630
VRMS (V AC)
40
63
160 200 200 200 40
63
160 200 200 40
63
160 200 220
CR (
µF)
0.047
0.068
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
B32520 ... B32529
General purpose (stacked/wound)
Page 4 of 45
Please read Important notes
at the end of this document.


Similar Part No. - B32529C0155J189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C0155 EPCOS-B32529C0155 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32529C0155 EPCOS-B32529C0155 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C0155 EPCOS-B32529C0155 Datasheet
887Kb / 45P
   Film Capacitors
B32529C0155 EPCOS-B32529C0155 Datasheet
891Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32529C0155 TDK-B32529C0155 Datasheet
830Kb / 43P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32529C0155J189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com