Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72530T0500K062 Datasheet(PDF) 6 Page - EPCOS

Part # B72530T0500K062
Description  SMD Varistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72530T0500K062 Datasheet(HTML) 6 Page - EPCOS

Back Button B72530T0500K062 Datasheet HTML 2Page - EPCOS B72530T0500K062 Datasheet HTML 3Page - EPCOS B72530T0500K062 Datasheet HTML 4Page - EPCOS B72530T0500K062 Datasheet HTML 5Page - EPCOS B72530T0500K062 Datasheet HTML 6Page - EPCOS B72530T0500K062 Datasheet HTML 7Page - EPCOS B72530T0500K062 Datasheet HTML 8Page - EPCOS B72530T0500K062 Datasheet HTML 9Page - EPCOS B72530T0500K062 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
122 04/02
CT1206K50G
B72520T0500K062
50
65
100
0,6
0,008
CT1210K50G
B72530T0500K062
50
65
200
1,6
0,010
CT1812K50G
B72580T0500K062
50
65
400
4,5
0,015
CT2220K50G
B72540T0500K062
50
65
800
5,6
0,020
CT1206K60G
B72520T0600K062
60
85
100
0,7
0,008
CT1210K60G
B72530T0600K062
60
85
200
2,0
0,010
CT1812K60G
B72580T0600K062
60
85
400
5,8
0,015
CT2220K60G
B72540T0600K062
60
85
800
6,8
0,020
Maximum ratings (0402 … 0603: TA = 85 °C; 0805 … 2220: TA = 125 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Nickel Barrier Termination (available upon request)
SMD Varistors


Similar Part No. - B72530T0500K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72530T0500K062 EPCOS-B72530T0500K062 Datasheet
129Kb / 15P
   Multilayer technology
B72530T0500K062 EPCOS-B72530T0500K062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72530T0500K062 EPCOS-B72530T0500K062 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72530T0500K062 EPCOS-B72530T0500K062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72530T0500K062 EPCOS-B72530T0500K062 Datasheet
137Kb / 16P
   SMD Varistors
More results

Similar Description - B72530T0500K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
B72660M0600S172 EPCOS-B72660M0600S172 Datasheet
89Kb / 3P
   SMD Varistors
B72520V200K62 EPCOS-B72520V200K62 Datasheet
137Kb / 16P
   SMD Varistors
logo
Stackpole Electronics, ...
ZVY SEI-ZVY Datasheet
507Kb / 6P
   Low Voltage SMD Varistors
08/19/2019
logo
EPCOS
B72650M301K72 EPCOS-B72650M301K72 Datasheet
879Kb / 36P
   SMD disk varistors standard series
logo
Dubilier
DCV0603K25G DUBILIER-DCV0603K25G Datasheet
107Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
DCV0603K25G DUBILIER-DCV0603K25G_11 Datasheet
208Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com