Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM24C17UFTLEM8 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # NM24C17UFTLEM8
Description  16K-Bit Serial EEPROM 2-Wire Bus Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24C17UFTLEM8 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button NM24C17UFTLEM8 Datasheet HTML 5Page - Fairchild Semiconductor NM24C17UFTLEM8 Datasheet HTML 6Page - Fairchild Semiconductor NM24C17UFTLEM8 Datasheet HTML 7Page - Fairchild Semiconductor NM24C17UFTLEM8 Datasheet HTML 8Page - Fairchild Semiconductor NM24C17UFTLEM8 Datasheet HTML 9Page - Fairchild Semiconductor NM24C17UFTLEM8 Datasheet HTML 10Page - Fairchild Semiconductor NM24C17UFTLEM8 Datasheet HTML 11Page - Fairchild Semiconductor NM24C17UFTLEM8 Datasheet HTML 12Page - Fairchild Semiconductor NM24C17UFTLEM8 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
www.fairchildsemi.com
NM24C16U/17U Rev. B.1
Device Type
Identifier
1
0
1
0
A2
A1
A0
R/W
(LSB)
NM24C16U/17U
Page
Block Address
DS800010-14
Write Cycle Timing (Continued)
The NM24C16U/17U device will always respond with an acknowl-
edge after recognition of a start condition and its slave address. If
both the device and a write operation have been selected, the
NM24C16U/17U will respond with an acknowledge after the
receipt of each subsequent eight bit byte.
In the read mode the NM24C16U/17U slave will transmit eight bits
of data, release the SDA line and monitor the line for an acknowl-
edge. If an acknowledge is detected and no stop condition is
generated by the master, the slave will continue to transmit data.
If an acknowledge is not detected, the slave will terminate further
data transmissions and await the stop condition to return to the
standby power mode.
Device Addressing
Following a start condition the master must output the address of
the slave it is accessing. The most significant four bits of the slave
address are those of the device type identifier (
see Figure 5). This
is fixed as 1010 for all EEPROM devices.
Slave Addresses (Figure 5)
Refer to the following table for Slave Addresses string details:
Device
A0 A1 A2 Page
Page Block
Blocks
Addresses
NM24C16U/17U
P
P
P
8
000 001 010 011 ... 111
P: Refers to an internal PAGE BLOCK memory segment.
All IIC EEPROMs use an internal protocol that defines a PAGE
BLOCK size of 2K bits (for Word addressess 0000 through 1111).
Therefore, address bits A0, A1, or A2 (if designated 'P') are used
to access a PAGE BLOCK in conjunction with the Word address
used to access any individual data byte (Word).
The last bit of the slave address defines whether a write or read
condition is requested by the master. A '1' indicates that a read
operation is to be executed, and a '0' initiates the write mode.
A simple review: After the NM24C16U/17U recognizes the start
condition, the devices interfaced to the IIC bus wait for a slave
address to be transmitted over the SDA line. If the transmitted
slave address matches an address of one of the devices, the
designated slave pulls the line LOW with an acknowledge signal
and awaits further transmissions.


Similar Part No. - NM24C17UFTLEM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C17 FAIRCHILD-NM24C17 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results

Similar Description - NM24C17UFTLEM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G_15 Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM (2-kword ??8-bit)
logo
Sanyo Semicon Device
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24C162M SANYO-LE24C162M Datasheet
126Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com