Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLH010PSB01B Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # MLH010PSB01B
Description  All Metal Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

MLH010PSB01B Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  MLH010PSB01B Datasheet HTML 1Page - Honeywell Solid State Electronics Center MLH010PSB01B Datasheet HTML 2Page - Honeywell Solid State Electronics Center MLH010PSB01B Datasheet HTML 3Page - Honeywell Solid State Electronics Center MLH010PSB01B Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sensing and Control
Honeywell
1985 Douglas Drive North
Golden Valley, MN 55422
www.honeywell.com/sensing
008118-7-EN IL50 GLO Printed in USA
February 2011
Copyright © 2011. Honeywell International Inc. All rights reserved.
Nomenclature and Order Guide
1
Electrical
Termination
Measurement
Type
Pressure
Range
Pressure
Connection
Unit
_ _
Output Signal
_ _ _
_
_
P = psi
B = bar
G = Gage (psi)
S = Sealed gage (psi)
4
MLH
_
_
A = 0.5 Vdc to 4.5 Vdc ratiometric from 5 Vdc excitation
B = 4 mA to 20 mA
C = 1 Vdc to 6 Vdc regulated
D = 0.25 Vdc to 10.25 Vdc regulated
E = 0.5 Vdc to 4.5 Vdc regulated
G = 1 Vdc to 5 Vdc regulated
01 = 1/4-18 NPT
02 = M12 x 1.5 (ISO 6149)
3
03 = M14 x 1.5 (ISO 6149)
3
04 = 3/8-24 UNF (SAE-3 O-ring boss)
3
05 = M18 x 1.5 (ISO 6149)
3
06 = 1/8 in-27 NPT
07 = 1/2 in-20 UNF (SAE-5 O-ring boss)
3
08 = M10 x 1 (ISO 6149)
3
09 = 1/4 in SAE female Schrader (7/16-20 UNF-2B internal thread)
10 = 7/16-20 UNF (SAE-4 O-ring boss)
3
11 = 1/2 in NPT
12 = 9/16-18 UNF (SAE-6 O-ring boss)
3
13 = R 1/4-19 BSPT (ISO 7-1 tapered thread)
14 = G 1/4-19 (DIN 3852-2)
3
15 = G 1/8 with O-ring groove
3
16 = M16 x 1.5 (ISO 6149)
3
17 = G 1/4 with O-ring groove
3
18 = G 1/8 (DIN 3852-2)
3
19 = R 1/8-28 BSPT (ISO 7-1 tapered thread)
20 = M20 x 1.5 (ISO 6149)
3
21 = 1/2-20 (SAE J514)
3
Series
B = Delphi Metri-Pack 150
C = Hirschmann (mates with G4W1F)
D = M12 x 1 (Brad Harrison micro)
G = DIN 43650-C, 8 mm-male
H = Amp Superseal 1.5
2
L = Cable (1 m)
M = Cable (3 m)
P = Flying leads (20 AWG
– 6 in)
T = Deutsch DTM04-3P (integral)
(Mating connectors are not supplied.)
psi
bar
006
010
016
025
040
060
100
160
250
350
500
550
050
100
150
200
250
300
500
01K
02K
03K
05K
08K
Notes:
1. Not all combinations are
available. Minimum
quantity orders apply.
Additional pressure
ranges, port styles and
special calibration
versions are available.
Contact your local sales
representative for
assistance.
2.
Available with “A” output
only.
3. Supplied with O-ring.
4. Sealed gage devices are
not available for
pressure ranges below
100 psi.
WARNING
MISUSE OF DOCUMENTATION
The information presented in this product sheet is for
reference only. Do not use this document as a product
installation guide.
Complete installation, operation, and maintenance
information is provided in the instructions supplied with
each product.
Failure to comply with these instructions could result in
death or serious injury.
WARRANTY/REMEDY
Honeywell warrants goods of its manufacture as being free of
defective materials and faulty workmanship. Honeywell’s
standard product warranty applies unless agreed to otherwise
by Honeywell in writing; please refer to your order
acknowledgement or consult your local sales office for specific
warranty details. If warranted goods are returned to Honeywell
during the period of coverage, Honeywell will repair or replace,
at its option, without charge those items it finds defective. The
foregoing is buyer’s sole remedy and is in lieu of all other
warranties, expressed or implied, including those of
merchantability and fitness for a particular purpose. In no
event shall Honeywell be liable for consequential, special,
or indirect damages.
While we provide application assistance personally, through
our literature and the Honeywell web site, it is up to the
customer to determine the suitability of the product in the
application.
Specifications may change without notice. The information we
supply is believed to be accurate and reliable as of this
printing. However, we assume no responsibility for its use.
WARNING
PERSONAL INJURY
DO NOT USE these products as safety or emergency stop
devices or in any other application where failure of the
product could result in personal injury.
Failure to comply with these instructions could result in
death or serious injury.
SALES AND SERVICE
Honeywell serves its customers through a worldwide network
of sales offices, representatives and distributors. For
application assistance, current specifications, pricing or name
of the nearest Authorized Distributor, contact your local sales
office or:
E-mail: info.sc@honeywell.com
Internet: www.honeywell.com/sensing
Phone and Fax:
Asia Pacific
+65 6355-2828
+65 6445-3033 Fax
Europe
+44 (0) 1698 481481
+44 (0) 1698 481676 Fax
Latin America
+1-305-805-8188
+1-305-883-8257 Fax
USA/Canada
+1-800-537-6945
+1-815-235-6847
+1-815-235-6545 Fax


Similar Part No. - MLH010PSB01B

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
MLH010PGB01A HONEYWELL-MLH010PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH010PGB01A HONEYWELL-MLH010PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH010PGB01A HONEYWELL-MLH010PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH010PGB01A HONEYWELL-ACC-MLH010PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH010PGB01A HONEYWELL-ACC-MLH010PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
More results

Similar Description - MLH010PSB01B

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
MLH05KPSB06B HONEYWELL-ACC-MLH05KPSB06B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH100BSL03B HONEYWELL-ACC-MLH100BSL03B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Solid State E...
MLH004BGB01B HONEYWELL-MLH004BGB01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH300PSB01B HONEYWELL-MLH300PSB01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH03KPSB01A HONEYWELL-ACC-MLH03KPSB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Solid State E...
MLH05KPSB01A HONEYWELL-MLH05KPSB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH016BSB01B HONEYWELL-MLH016BSB01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
MLH100PGB01A HONEYWELL-MLH100PGB01A Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH02KPSP01B HONEYWELL-ACC-MLH02KPSP01B Datasheet
192Kb / 4P
   All Metal Pressure Sensors
logo
Endress+Hauser Group Se...
TI01133P EH-TI01133P Datasheet
1Mb / 48P
   Pressure transducer with ceramic and metal sensors
2021-03-31
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com