Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2TL1-21 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 2TL1-21
Description  Interactive Catalog Replaces Catalog Pages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2TL1-21 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  2TL1-21 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 2TL1-21 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2TL1-21 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2TL1-21 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2TL1-21 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2TL1-21 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Manual Switches
TL Series
Toggle Switches
122
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
FEATURES
Qualified to MIL-S-3950
Environment-proof sealing
1, 2, and 4 pole circuitry.
Standard and pull to unlock levers.
2 and 3 position, maintained, and
momentary toggle action.
Temperature range: –85°Fto +160°F
(–65°Cto +71°C).
UL recognized, CSA certified.
CE approved
CONSTRUCTION
TL’s have high strength, temperature re-
sistant, non-tracking case material and
silver cadmium oxide contacts.
ACTUATOR OPTIONS
Standard toggle lever operates on a di-
rect action spring loaded toggle mecha-
nism to provide excellent tactile feedback
in both the momentary and maintained
toggle positions. The toggle lever is ap-
proximately .68 in. (16 mm) long and has
a non-glare matte nickel plated finish.
Pull-to-unlock toggle levers prevent acci-
dental toggle movement. The knobbed
toggle lever must be pulled out approxi-
mately .09 in. (2,3 mm) to change posi-
tions. Thirteen different locking configu-
rations are available. This lever style also
has a non-glare matte nickel finish.
Colored tab levers (not shown) can also
be furnished. They have the same ap-
pearance as the tab lever shown in the TW
photo on page 119. Call the 800 number.
ELECTRICAL RATINGS
(In amperes)
Elec.
Rating
Code
115 VAC
28 VDC
115 VDC 250 VDC
60 & 400 Hz
230 VAC
Ind.
Res.
Lamp
Res.
Res.
Ind.
Res.
Lamp
Res.
1
15
20
5
0.75
0.5
10
15
3
6
2
10
15
4
0.75
0.5
7
15
2
6
3
15
20
7
0.75
0.5
15
15
4
6
4
10
18
5
0.75
0.5
8
11
2
6
5
12
20
5
0.75
0.5
15
15
4
6
6
10
18
4
0.75
0.5
8
11
2
6
UL/CSA Rating Code
Electrical Rating
L192
10 amps–125, 250, 277 VAC; 14 Hp-125 VAC; 12 Hp-250, 277 VAC
3 amps-125 VAC ‘‘L’’
L191
15 amps–125, 250, 277 VAC; 12 Hp-125 VAC; 1 Hp-250, 277 VAC
5 amps-120 VAC ‘‘L’’
Application Note: Honeywell MICRO SWITCH does
not recommend the use of silver
cadmium oxide switch contacts in non-arcing loads. Non-arcing loads are generally
loads less than 12 volts and/or 0.5 amp. TL switches use silver cadmium oxide
contacts. For other options, contact the MICRO SWITCH Application Center at
1-800-537-6945.


Similar Part No. - 2TL1-21

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2TL1-21 HONEYWELL-ACC-2TL1-21 Datasheet
176Kb / 1P
   SWITCH - TOGGLE
2TL1-21 HONEYWELL-ACC-2TL1-21 Datasheet
195Kb / 2P
   SWITCH - TOGGLE
2TL1-21 HONEYWELL-ACC-2TL1-21 Datasheet
228Kb / 1P
   SWITCH - TOGGLE
More results

Similar Description - 2TL1-21

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCAFA6G HONEYWELL-26PCAFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
26PCDFA6G HONEYWELL-26PCDFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com