Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1507-0000-000N00G20E3 Datasheet(PDF) 5 Page - Cree, Inc

Part # CXA1507-0000-000N00G20E3
Description  LED array expands Crees family of high flux, multi die arrays in a smaller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1507-0000-000N00G20E3 Datasheet(HTML) 5 Page - Cree, Inc

  CXA1507-0000-000N00G20E3 Datasheet HTML 1Page - Cree, Inc CXA1507-0000-000N00G20E3 Datasheet HTML 2Page - Cree, Inc CXA1507-0000-000N00G20E3 Datasheet HTML 3Page - Cree, Inc CXA1507-0000-000N00G20E3 Datasheet HTML 4Page - Cree, Inc CXA1507-0000-000N00G20E3 Datasheet HTML 5Page - Cree, Inc CXA1507-0000-000N00G20E3 Datasheet HTML 6Page - Cree, Inc CXA1507-0000-000N00G20E3 Datasheet HTML 7Page - Cree, Inc CXA1507-0000-000N00G20E3 Datasheet HTML 8Page - Cree, Inc CXA1507-0000-000N00G20E3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Copyright © 2012-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc. .
5
XLamp CXa1507 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, ansi White order codes and bins (i
f = 200 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA1507 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 15).
cct
range
cri
base order codes
min. luminous flux
@ 200 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
6500 K
70
75
G2
780
871
1A0, 1B0, 1C0, 1D0
CXA1507-0000-000N00G20e1
G4
840
938
CXA1507-0000-000N00G40e1
H2
900
1005
CXA1507-0000-000N00H20e1
80
---
F4
730
815
1A0, 1B0, 1C0, 1D0
CXA1507-0000-000N0HF40e1
G2
780
871
CXA1507-0000-000N0HG20e1
G4
840
938
CXA1507-0000-000N0HG40e1
5700 K
70
75
G2
780
871
2A0, 2B0, 2C0, 2D0
CXA1507-0000-000N00G20e2
G4
840
938
CXA1507-0000-000N00G40e2
H2
900
1005
CXA1507-0000-000N00H20e2
80
---
F4
730
815
2A0, 2B0, 2C0, 2D00
CXA1507-0000-000N0HF40e2
G2
780
871
CXA1507-0000-000N0HG20e2
G4
840
938
CXA1507-0000-000N0HG40e3
5000 K
70
75
G2
780
871
3A0, 3B0, 3C0, 3D0
CXA1507-0000-000N00G20e3
G4
840
938
CXA1507-0000-000N00G40e3
H2
900
1005
CXA1507-0000-000N00H20e3
80
---
F4
730
815
3A0, 3B0, 3C0, 3D0
CXA1507-0000-000N0HF40e3
G2
780
871
CXA1507-0000-000N0HG20e3
G4
840
938
CXA1507-0000-000N0HG40e3
90
95
e4
635
709
3A0, 3B0, 3C0, 3D0
CXA1507-0000-000N0Ue40e3
F2
680
759
CXA1507-0000-000N0UF20e3
F4
730
815
CXA1507-0000-000N0UF40e3


Similar Part No. - CXA1507-0000-000N00G20E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1507-0000-000N00G20E3 CREE-CXA1507-0000-000N00G20E3 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00G20E3 CREE-CXA1507-0000-000N00G20E3 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
More results

Similar Description - CXA1507-0000-000N00G20E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com