Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B81123C1682M289 Datasheet(PDF) 4 Page - EPCOS

Part # B81123C1682M289
Description  Film Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81123C1682M289 Datasheet(HTML) 4 Page - EPCOS

  B81123C1682M289 Datasheet HTML 1Page - EPCOS B81123C1682M289 Datasheet HTML 2Page - EPCOS B81123C1682M289 Datasheet HTML 3Page - EPCOS B81123C1682M289 Datasheet HTML 4Page - EPCOS B81123C1682M289 Datasheet HTML 5Page - EPCOS B81123C1682M289 Datasheet HTML 6Page - EPCOS B81123C1682M289 Datasheet HTML 7Page - EPCOS B81123C1682M289 Datasheet HTML 8Page - EPCOS B81123C1682M289 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Technical data
Max. operating temperature Top,max
+100
°C
Dissipation factor tan
δ (in 10-3)
at
1 kHz
1.0
at 20
°C (upper limit values)
100 kHz
5.0
Insulation resistance Rins
30 000 M
or time constant
τ = C
R
Rins
at 20
°C, rel. humidity ≤ 65%
(minimum as-delivered values)
DC test voltage
4800 V, 2 s
Passive flammability category
to IEC 40 (CO) 752
C
Maximum continuous AC voltage VAC 750 V (50/60 Hz)
Rated AC voltage (IEC 60384-14)
250 V (50/60 Hz)
Maximum continuous DC voltage VDC 3000 V
Operating AC voltage Vop at high
TA
≤ 100 °C V
op = VAC
(continuously)
temperature
TA
≤ 100 °C V
op = 1.25
VAC
(1000 h)
Damp heat test
21 days / 40
°C / 93% relative humidity
Limit values after damp heat test
Capacitance change
∆C/C
≤ 5%
Dissipation factor change
∆ tan δ ≤ 0.5 10-3 (at 1 kHz)
Insulation resistance Rins
≤ 1.0 10-3 (at 100 kHz)
or time constant
τ = C
R
Rins
≥ 50% of minimum
as-delivered values
B81123
Y1 / 250 V AC
Page 4 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B81123C1682M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81123C1682M289 EPCOS-B81123C1682M289 Datasheet
188Kb / 6P
   EMI suppression capacitors (MKP) Y1 / 250 VAC
B81123C1682M289 EPCOS-B81123C1682M289 Datasheet
286Kb / 16P
   EMI Suppression Capacitors (MKP)
More results

Similar Description - B81123C1682M289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com