Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

142PC05D Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # 142PC05D
Description  Interactive Catalog Replaces Catalog Pages
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

142PC05D Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  142PC05D Datasheet HTML 1Page - Honeywell Solid State Electronics Center 142PC05D Datasheet HTML 2Page - Honeywell Solid State Electronics Center 142PC05D Datasheet HTML 3Page - Honeywell Solid State Electronics Center 142PC05D Datasheet HTML 4Page - Honeywell Solid State Electronics Center 142PC05D Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Pressure Sensors
140PC Series
Absolute, Differential, Gage, Vacuum Gage/Amplified
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
39
ELECTRICAL CONNECTION
Voltage Excitation
NOTES
1. Terminals are labeled on the sensor.
2. Input and output share a common
ground.
3. RL must be greater than or equal to
3000 ohms.
INTERNAL CIRCUITRY
RATIOMETRICITY
Ratiometricity refers to the output voltage
being directly proportional to the supply
voltage.140PC sensors in this catalog are
calibrated at 8 VDC supply voltage to pro-
vide a1-6 volt (5V Span) output swing. For
example, if supply increases by 50% to 12
VDC, the output voltage increases by
50% to 1.5-9 volts (7.5 V Span).
NOTE
The output is not perfectly ratiometric.
See specifications for the degree of error.
NULL AND SENSITIVITY
TEMPERATURE SHIFT
Amplified pressure sensors are 100%
tested to insure that the maximum null
and sensitivity temperature shift does not
exceed the specification. The diagram
below illustrates how null and sensitivity
shift relates to temperature. Note that the
maximum shift occurs at temperature ex-
tremes. Therefore, if a sensor is not ex-
posed to the entire temperature range,
the maximum null and sensitivity shift will
actually be less than the value specified.
This diagram indicates the temperature
shift pertaining to a few listings. Maximum
null and sensitivity shift varies from listing
to listing.
SCALING OF 140PC SERIES SENSORS WITH 8V EXCITATION
142PC15A
Absolute
VO
1 V at 0 psia & 6 V at 15 psia
142PC30A
Absolute
VO
1 V at 0 psia & 6 V at 30 psia
142PC15G
Gage
VO
1 V at 0 psig & 6 V at 15 psig
141PC15G
Vacuum Gage
VO
1 V at 0 psig & 6 V at −15 psig
143PC05D
Differential
VO
1 V at −5 psig & 6 V at 5 psig
143PC15D
Differential
VO
1 V at −15 psig & 6 V at 15 psig
NOTE: 141PC sensors are scaled for vacuum pressure on P2.
142PC sensors are scaled for greater pressure on the P2 side of the chip. Input pressures on
absolute units are applied to the P1 port.
Other scalings available upon request.


Similar Part No. - 142PC05D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
142PC05D ETC1-142PC05D Datasheet
515Kb / 4P
   Absolute, Differential, Gage, Vacuum Gage/Amplified
logo
Sensortechnics GmbH
142PC05D-PCB SENSORTECHNICS-142PC05D-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
142PC05D-PCB SENSORTECHNICS-142PC05D-PCB Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
   PRESSURE TRANSDUCER
More results

Similar Description - 142PC05D

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCAFA6G HONEYWELL-26PCAFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
26PCDFA6G HONEYWELL-26PCDFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com