Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2540-0000-000N00U227F Datasheet(PDF) 10 Page - Cree, Inc

Part # CXA2540-0000-000N00U227F
Description  Retail Track Light Reference Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2540-0000-000N00U227F Datasheet(HTML) 10 Page - Cree, Inc

Back Button CXA2540-0000-000N00U227F Datasheet HTML 6Page - Cree, Inc CXA2540-0000-000N00U227F Datasheet HTML 7Page - Cree, Inc CXA2540-0000-000N00U227F Datasheet HTML 8Page - Cree, Inc CXA2540-0000-000N00U227F Datasheet HTML 9Page - Cree, Inc CXA2540-0000-000N00U227F Datasheet HTML 10Page - Cree, Inc CXA2540-0000-000N00U227F Datasheet HTML 11Page - Cree, Inc CXA2540-0000-000N00U227F Datasheet HTML 12Page - Cree, Inc CXA2540-0000-000N00U227F Datasheet HTML 13Page - Cree, Inc CXA2540-0000-000N00U227F Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
XLAMP CXA2530/CXA2540 RETAIL TRACK LIGHT REFERENCE DESIGN
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ is a trademark of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales
at sales@cree.com.
1. We verified the component dimensions to ensure a correct fit.
2. we attached the CXA2530 LeD to the heat sink with a small amount of thermally conductive compound.12 Thermally
conductive epoxy can also be used.13
3. we fed the driver output wires through the heat sink and, following the
recommendations in Cree’s Soldering and Handling Application Note for the CXA
family of LeDs14, soldered them onto the CXA2530 LeD.
4. We tested the connection by applying power to the LED and verified that the
LeD lit up.
5. we placed a plastic alignment ring15 over the LeD and positioned the ring so the
LeD was centered on the heat sink.
6. we secured the plastic alignment ring to the heat sink with screws.
7. we secured each end of the driver to the heat sink with a bracket and screw.
8. we fed the driver input wires through the center hole in the screw-in base.
9. we screwed the base to the heat sink, enclosing the driver.
10. We placed the reflector in the heat sink so the opening aligned with the
LeD.
11. We placed the cover glass on the reflector and screwed the front optic
cover ring to the heat sink to secure the cover glass and the reflector
to the heat sink.
12. we attached the track adaptor bracket to the lamp assembly with
decorative screws.
13. we connected the driver input wires to the track adaptor.
14. We performed final testing.
12 Dow Corning Thermally Conductive Compound, TC-5026, www.dowcorning.com/content/publishedlit/11-1689a-01.pdf
13 refer to Cree’s Chemical Compatibility application note for compounds that are safe to use with Cree LeDs.
Cree XLamp LeD Chemical Compatibility Application Note, AP63, www.cree.com/products/pdf/XLamp_Chemical_Comp.pdf
14 Cree XLamp CXA Family LEDs Soldering and Handling, Application Note AP74, www.cree.com/xlamp_app_notes/CXA_SH
15 model PC, mekoda optical Co., Ltd., www.mekoda.cn
Optical
Copyright © 2010, Cree, Inc.
Cree Proprietary & Confidential
pg. 10
•It is very difficult to crate a narrow beam optics for a large light source
such as CXA2530
•A custom reflector had been made by Nata to achieve a 16deg beam
angle (FWHM)
•Reflector dimension: Opening = 110mm dia, source = 21mm dia,
height = 21mm
•Can be use with CXA2520 as well.
•Optical efficiency ~ 89%
•Supplier: Nata (http://www.nata.cn/), Model: 4-1361-1
•We also used an plastic mounting / alignment ring by: Mekoda


Similar Part No. - CXA2540-0000-000N00U227F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
More results

Similar Description - CXA2540-0000-000N00U227F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP70 CREE-CLD-AP70 Datasheet
948Kb / 11P
   Cree/NXP Task Light Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com