Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82496C3680-000 Datasheet(PDF) 5 Page - EPCOS

Part # B82496C3680-000
Description  SMT inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82496C3680-000 Datasheet(HTML) 5 Page - EPCOS

  B82496C3680-000 Datasheet HTML 1Page - EPCOS B82496C3680-000 Datasheet HTML 2Page - EPCOS B82496C3680-000 Datasheet HTML 3Page - EPCOS B82496C3680-000 Datasheet HTML 4Page - EPCOS B82496C3680-000 Datasheet HTML 5Page - EPCOS B82496C3680-000 Datasheet HTML 6Page - EPCOS B82496C3680-000 Datasheet HTML 7Page - EPCOS B82496C3680-000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
10/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Special versions on request.
Higher currents possible at temperatures <TR on request.
Sample kit available (see also chapter “Sample kits”. Ordering code: B82496X001
1) Replace the + by the code letter for the required inductance tolerance.
2) For bulk case the last digit has to be a »1«. Example: B82496C3109A001
LR
nH
Tolerance
Qmin
Qtyp
(at
800 MHz)
fL; fQ
MHz
IR
mA
Rmax
:
fres,min
GHz
Ordering code1)2)
(reel packing)
1.0
r0.3 nH A
r0.2 nH Z
7
60
100
1800
0.02
16
B82496C3109+000
1.2
8
60
100
1800
0.025
15
B82496C3129+000
1.5
8
50
100
1500
0.03
13
B82496C3159+000
1.8
12
50
100
1500
0.033
12
B82496C3189+000
2.2
14
50
100
1500
0.035
10
B82496C3229+000
2.7
14
40
100
1400
0.04
10
B82496C3279+000
3.3
14
40
100
1200
0.06
9
B82496C3339+000
3.9
r5% J
r0.2 nH Z
14
40
100
1100
0.065
8
B82496C3399+000
4.7
14
40
100
800
0.10
7
B82496C3479+000
5.6
14
40
100
700
0.15
6
B82496C3569+000
6.8
14
40
100
700
0.15
6
B82496C3689+000
8.2
14
40
100
650
0.18
6
B82496C3829+000
10
r5% J
r2% G
14
40
100
600
0.20
5
B82496C3100+000
12
14
40
100
450
0.35
5
B82496C3120+000
15
14
40
100
420
0.40
4.5
B82496C3150+000
18
14
40
100
400
0.45
4.0
B82496C3180+000
22
14
40
100
380
0.50
4.0
B82496C3220+000
27
14
35
100
360
0.55
3.0
B82496C3270+000
33
14
35
100
350
0.60
3.0
B82496C3330+000
39
14
35
100
300
0.80
2.5
B82496C3390+000
47
14
35
100
270
0.95
2.5
B82496C3470+000
56
14
35
100
250
1.2
2.5
B82496C3560+000
68
14
35
100
230
1.3
2.0
B82496C3680+000
82
14
35
100
220
1.5
2.0
B82496C3820+000
100
14
30
100
200
1.8
1.8
B82496C3101+000
120
5
30
25.2
160
3.0
1.8
B82496C3121+000
150
5
30
25.2
130
5.0
1.6
B82496C3151+000
180
4
25
25.2
120
6.0
1.4
B82496C3181+000
220
4
25
25.2
110
7.0
1.3
B82496C3221+000
^
^
^
^
^
^
B82496C
SMT inductors, SIMID series
SIMID 0603-C


Similar Part No. - B82496C3680-000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3680 EPCOS-B82496C3680 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B82496C3680 EPCOS-B82496C3680 Datasheet
484Kb / 8P
   SMT inductors
B82496C3680++ EPCOS-B82496C3680+ Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
logo
TDK Electronics
B82496C3680+000 TDK-B82496C3680+000 Datasheet
487Kb / 8P
   SMT inductors
October 2012
logo
EPCOS
B82496C3680A EPCOS-B82496C3680A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
More results

Similar Description - B82496C3680-000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com