Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82462-G4152-M Datasheet(PDF) 1 Page - EPCOS

Part # B82462-G4152-M
Description  PRELIMINARY DATA SHEET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82462-G4152-M Datasheet(HTML) 1 Page - EPCOS

  B82462-G4152-M Datasheet HTML 1Page - EPCOS B82462-G4152-M Datasheet HTML 2Page - EPCOS B82462-G4152-M Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mit den Angaben im Datenblatt werden die Bauelemente
spezifiziert, nicht Eigenschaften zugesichert.
Liefermöglichkeiten und technische Änderungen vorbehalten.
1
Size 6x6 mm
Rated inductance 0,82
µH .. 330 µH
Construction
Ferrite core
Magnetically shielded
Winding: enamel copper wire
Winding welded to terminals
Features
Wide temperature range
High rated current
Low DC resistance
Suitable for reflow soldering
Applications
Filtering of supply voltages
Coupling, decoupling
DC/DC converters
Automotive electronics
Terminals
Leadfree tinned
Marking
Marking on component:
Manufacturer
L value (in
µH) and tolerance (coded)
Date code
Minimum marking on reel:
Manufacturer, part number, ordering code,
L value and tolerance
quantity, date of packing
Delivery mode
Blister tape 12mm, reel packing
packaging quantity 2500 pcs per reel
SMT–Power–Inductors
B82462–G4
PRELIMINARY DATA SHEET
Hugo ist doof BNR
B82462–G4–66–5976
01.12.2003


Similar Part No. - B82462-G4152-M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82462-G4152-M EPCOS-B82462-G4152-M Datasheet
470Kb / 4P
   SMT-Power-Inductors
More results

Similar Description - B82462-G4152-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
   DATA SHEET REV.2.0(PRELIMINARY)
logo
PMC-Sierra, Inc
PM8610 PMC-PM8610 Datasheet
1Mb / 338P
   SBS Telecom Standard Product Data Sheet Preliminary
PM8621 PMC-PM8621 Datasheet
1Mb / 184P
   NSE-8G??Standard Product Data Sheet Preliminary
logo
Infineon Technologies A...
BUP311D INFINEON-BUP311D Datasheet
71Kb / 9P
   IGBT With Antiparallel Diode Preliminary data sheet
May-06-1999
logo
PMC-Sierra, Inc
PM8611 PMC-PM8611 Datasheet
1Mb / 292P
   SBSLITE??Telecom Standard Product Data Sheet Preliminary
PM8620 PMC-PM8620 Datasheet
1Mb / 190P
   NSE-20G??Standard Product Data Sheet Preliminary
logo
Silicon Laboratories
SI5316 SILABS-SI5316 Datasheet
583Kb / 16P
   PRELIMINARY DATA SHEET PRECISION CLOCK JITTER ATTENUATOR
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
logo
IXYS Corporation
IXTQ96N15P IXYS-IXTQ96N15P Datasheet
583Kb / 5P
   N-Channel Enhancement Mode Preliminary Data Sheet
logo
Everlight Electronics C...
67-31AUBC-B001-TR8 EVERLIGHT-67-31AUBC-B001-TR8 Datasheet
242Kb / 9P
   Technical Data Sheet (Preliminary) Power Top View LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com