Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2540-0000-000N00U227H Datasheet(PDF) 5 Page - Cree, Inc

Part # CXA2540-0000-000N00U227H
Description  Retail Track Light Reference Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2540-0000-000N00U227H Datasheet(HTML) 5 Page - Cree, Inc

  CXA2540-0000-000N00U227H Datasheet HTML 1Page - Cree, Inc CXA2540-0000-000N00U227H Datasheet HTML 2Page - Cree, Inc CXA2540-0000-000N00U227H Datasheet HTML 3Page - Cree, Inc CXA2540-0000-000N00U227H Datasheet HTML 4Page - Cree, Inc CXA2540-0000-000N00U227H Datasheet HTML 5Page - Cree, Inc CXA2540-0000-000N00U227H Datasheet HTML 6Page - Cree, Inc CXA2540-0000-000N00U227H Datasheet HTML 7Page - Cree, Inc CXA2540-0000-000N00U227H Datasheet HTML 8Page - Cree, Inc CXA2540-0000-000N00U227H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
XLAMP CXA2530/CXA2540 RETAIL TRACK LIGHT REFERENCE DESIGN
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ is a trademark of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales
at sales@cree.com.
Characteristic
Requirements
Transient protection
requirements: all luminaires
Ballast or driver shall comply with ANSI/Ieee C62.41.1-2002 and ANSI/Ieee C62.41.2-2002, Class A operation.
The line transient shall consist of seven strikes of a 100 kHz ring wave, 2.5 kv level, for both common mode and
differential mode.
operating frequency
requirements: directional and
non-directional luminaires
Frequency ≥ 120 Hz
Note: This performance characteristic addresses problems with visible flicker due to low frequency operation and
applies to steady-state as well as dimmed operation. Dimming operation shall meet the requirement at all light
output levels.
Noise requirements: directional
and non-directional luminaires
All ballasts & drivers used within the luminaire shall have a Class A sound rating.
Ballasts and drivers are recommended to be installed in the luminaire in such a way that in operation, the
luminaire will not emit sound exceeding a measured level of 24 BA.
Table 4: EnERgy sTAR luminaire requirements
The DesignLights™ Consortium (DLC) provides requirements for track or mono-point directional lighting fixtures,
summarized in Table 5.4
Characteristic
unit
DLC value
minimum light output
lm
250
Zonal lumen density
≥ 85%: 0-90°
Minimum luminaire efficacy
lm/w
40
Allowable CCTs (ANSI C78.377-2008)
K
≤ 5000
CrI
80
L70 lumen maintenance
hours
50,000
minimum luminaire warranty
years
5
Table 5: DLC track light requirements
2. DEfinE DEsign goALs
In addition to the requirements given in the above tables, we examined existing 39-w CmH lamp data sheets to develop
the goals shown in Table 6. we found that the input power for luminaires using 39-w CmH lamps is 44 to 45 w, so we
targeted this reference design to be at least equivalent.
Table 6 shows the design goals for this project.
Characteristic
unit
minimum goal
Target goal
Light output
lm
3200
> 3200
Light intensity - CBCP
cd
20,000
> 20,000
Beam angle - FWHM
degrees
15
15
Luminaire efficacy
lm/w
75
> 75
Lifetime
hours
35,000
50,000
CCT
K
3000
3000
CrI
100-point scale
80
80
Power
w
44
< 44
Power factor
0.9
> 0.9
Table 6: CXA2530 retail track light design goals
4
Technical Requirements Table v1.7, DesignLights Consortium Qualified Products List - Non-Residential Applications,
www.designlights.org/solidstate.manufacturer.requirements.php


Similar Part No. - CXA2540-0000-000N00U227H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540-0000-000N00U227H CREE-CXA2540-0000-000N00U227H Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
More results

Similar Description - CXA2540-0000-000N00U227H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP70 CREE-CLD-AP70 Datasheet
948Kb / 11P
   Cree/NXP Task Light Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com