Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBE04142070C0000JC100 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBE04142070C0000JC100
Description  Professional Thin Film Leaded Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBE04142070C0000JC100 Datasheet(HTML) 5 Page - Vishay Siliconix

  MBE04142070C0000JC100 Datasheet HTML 1Page - Vishay Siliconix MBE04142070C0000JC100 Datasheet HTML 2Page - Vishay Siliconix MBE04142070C0000JC100 Datasheet HTML 3Page - Vishay Siliconix MBE04142070C0000JC100 Datasheet HTML 4Page - Vishay Siliconix MBE04142070C0000JC100 Datasheet HTML 5Page - Vishay Siliconix MBE04142070C0000JC100 Datasheet HTML 6Page - Vishay Siliconix MBE04142070C0000JC100 Datasheet HTML 7Page - Vishay Siliconix MBE04142070C0000JC100 Datasheet HTML 8Page - Vishay Siliconix MBE04142070C0000JC100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28766
26
Revision: 03-Dec-12
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
Vishay Beyschlag
Professional Thin Film Leaded Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT\rARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MBB/SMA 0207 WITH RADIAL TAPING
LEAD SPACING (UB = 2.5 mm), SIZE 0207
LEAD SPACING (RB = 5.0 mm), SIZE 0207
PACKAGING - Radial products
TYPE
REEL
TAPING ACC. IEC 60286-2
BOX
TAPING ACC. IEC 60286-2
PIECES
CODE
PIECES
CODE
MBB/SMA 0207 RB
4000
R4
4000
N4
MBB/SMA 0207 UB
L
H
C
H
1
F
P
3 max.
Insulated
W
Direction of unreeling
DIMENSIONS in millimeters
Pitch of components
P
12.7 ± 1.0
Lead spacing
F
2.5 + 0.6, - 0.1
Width of carrier tape
W
18.0 + 1.0, - 0.5
Body to hole center
H
18.0 ± 2.0
Height for cutting (max.)
L
11
Height for bending
C
2.5 + 0, - 0.5
Height for insertion (max.)
H1
32
H
1
L
H
C
P
F
H
0
W
Insulated
3 max.
Direction of unreeling
DIMENSIONS in millimeters
Pitch of components
P
12.7 ± 1.0
Lead spacing
F
5.0 + 0.6, - 0.1
Width of carrier tape
W
18.0 + 1.0, - 0.5
Body to hole center
H
18.0 ± 2.0
Lead crimp to hole
center
H0
16.0 ± 0.5
Height for cutting (max.)
L
11
Height for bending
C
2.5 + 0, - 0.5
Height for insertion (max.)
H1
32


Similar Part No. - MBE04142070C0000JC100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBE0414 VISHAY-MBE0414 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
List of Unclassifed Man...
MBE0414 ETC2-MBE0414 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MBE0414 VISHAY-MBE0414 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBE0414 VISHAY-MBE0414 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBE0414 VISHAY-MBE0414 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
More results

Similar Description - MBE04142070C0000JC100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204_15 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com