Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2011-0000-000P0UF027H Datasheet(PDF) 1 Page - Cree, Inc

Part # CXA2011-0000-000P0UF027H
Description  Cree XLamp CXA2011 LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011-0000-000P0UF027H Datasheet(HTML) 1 Page - Cree, Inc

  CXA2011-0000-000P0UF027H Datasheet HTML 1Page - Cree, Inc CXA2011-0000-000P0UF027H Datasheet HTML 2Page - Cree, Inc CXA2011-0000-000P0UF027H Datasheet HTML 3Page - Cree, Inc CXA2011-0000-000P0UF027H Datasheet HTML 4Page - Cree, Inc CXA2011-0000-000P0UF027H Datasheet HTML 5Page - Cree, Inc CXA2011-0000-000P0UF027H Datasheet HTML 6Page - Cree, Inc CXA2011-0000-000P0UF027H Datasheet HTML 7Page - Cree, Inc CXA2011-0000-000P0UF027H Datasheet HTML 8Page - Cree, Inc CXA2011-0000-000P0UF027H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product family data sheet
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the
Cree logo and XLamp® are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
cree
® Xlamp® cXa2011 led
Product descriPtion
The Cree XLamp CXA2011 LeD
brings
lighting-class
reliability
and performance to easy-to-use
LeD arrays. The XLamp CXA2011
expands
Cree’s
lighting-class
leadership to multi‑die, high‑flux
arrays. with XLamp lighting-class
reliability, a wide viewing angle,
uniform light output, and industry-
leading chromaticity binning in a
16-mm diameter optical source,
the XLamp CXA2011 LeD continues
Cree’s history of segment-focused
product innovation in LeDs for
lighting applications.
The
XLamp
CXA2011
LeD
brings high performance and a
smooth look to a wide range of
lighting
applications,
including
downlighting, recessed fixtures,
can lights and retrofit bulbs.
features
• Available in ANSI white bins
as well as 4-step and 2-step
easywhite bins at 2700K,
3000K, 3500K, 4000K and
5000K CCT
• 90 minimum CRI available in
2700K and 3000K CCT
• Forward Voltage: 40 V
• 85 °C binning and
characterization
• NEMA SSL‑3 2011 standard flux
bins
• Max drive current: 1000 mA
• 120° viewing angle, uniform
chromaticity profile
• Top‑side solder connections
• Thermocouple attach point
• Screw‑down attachment
• Unlimited shelf life at
≤ 30°C/85% RH
• RoHS‑ and REACh‑compliant
• UL-recognized component
(e349212)
table of contents
Characteristics .............................. 2
Flux Characteristics, Standard Order
Codes and Bins ............................. 3
Flux Characteristics, Standard Order
Codes and Bins, 90 CRI .................. 4
Relative Spectral power Distribution . 5
Relative Luminous Flux vs. Junction
Temperature ................................. 5
electrical Characteristics................. 6
Relative Luminous Flux vs. Current .. 6
Relative Chromaticity vs. Current
and Temperature ........................... 7
Typical Spatial Distribution.............. 8
performance Groups - Brightness..... 8
performance Groups - Chromaticity.. 9
Cree easywhite Bins plotted on the
1931 CIe Color Space ...................10
Bin and Order Code Formats ..........11
Cree ANSI white Bins plotted on
the 1931 CIe Color Space ..............11
Notes..........................................12
mechanical Dimensions..................13
packaging....................................14


Similar Part No. - CXA2011-0000-000P0UF027H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011-0000-000P00F027H CREE-CXA2011-0000-000P00F027H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011-0000-000P00G027H CREE-CXA2011-0000-000P00G027H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011-0000-000P00G030H CREE-CXA2011-0000-000P00G030H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011-0000-000P00G035H CREE-CXA2011-0000-000P00G035H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011-0000-000P00G040H CREE-CXA2011-0000-000P00G040H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
More results

Similar Description - CXA2011-0000-000P0UF027H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com