Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82477G4823M000 Datasheet(PDF) 4 Page - EPCOS

Part # B82477G4823M000
Description  SMT power inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82477G4823M000 Datasheet(HTML) 4 Page - EPCOS

  B82477G4823M000 Datasheet HTML 1Page - EPCOS B82477G4823M000 Datasheet HTML 2Page - EPCOS B82477G4823M000 Datasheet HTML 3Page - EPCOS B82477G4823M000 Datasheet HTML 4Page - EPCOS B82477G4823M000 Datasheet HTML 5Page - EPCOS B82477G4823M000 Datasheet HTML 6Page - EPCOS B82477G4823M000 Datasheet HTML 7Page - EPCOS B82477G4823M000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Rated inductance LR
Measured with LCR meter Agilent 4284A at frequency fL,
0.1 V, +20 °C
Rated temperature TR
+85 °C
Rated current IR
Max. permissible DC with temperature increase of
40 K
at rated temperature
Saturation current Isat
Max. permissible DC with inductance decrease
L/L0 of approx. 10%
DC resistance Rmax
Measured at +20 °C
Solderability (lead-free)
Dip and look method Sn95.5Ag3.8Cu0.7:
+(245 5) °C, (5 0.3) s
Wetting of soldering area
90%
(based on IEC 60068-2-58)
Resistance to soldering heat
+260 °C, 10 s (based on IEC 60068-2-58)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +125 °C
Packaged: –25 °C … +40 °C,
75% RH
Weight
Approx. 4.2 g
B82477G4
SMT power inductors
Size 12.8 x 12.8 x 8.0 (mm)


Similar Part No. - B82477G4823M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82477G4823M000 EPCOS-B82477G4823M000 Datasheet
179Kb / 8P
   SMT power inductors
B82477G4823M000 EPCOS-B82477G4823M000 Datasheet
566Kb / 8P
   SMT power inductors
More results

Similar Description - B82477G4823M000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com