Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC261 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC261
Description  POWER DRIVER FOR STEPPER MOTORS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC261 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC261 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC261 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC261 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC261 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC261 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC261 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC261 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC261 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC261 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
POWER DRIVER FOR STEPPER MOTORS
INTEGRATED CIRCUITS
TRINAMIC Motion Control GmbH & Co. KG
Hamburg, Germany
TMC260 & TMC261 DATASHEET
Half Bridge 2
Half Bridge 1
Half Bridge 1
Half Bridge 2
+VM
VSA / B
2 x Current
Comparator
N
S
TMC260 / TMC261
RSA / B
Protection
& Diagnostics
Sine Table
4*256 entry
STEP
DIR
2 x DAC
SPI control,
Config & Diags
CSN
SCK
SDO
SDI
stallGuard2™
coolStep™
x
SG_TST
OA1
OA2
BRA / B
RSENSE
RSENSE
OB1
OB2
Chopper
VCC_IO
2 Phase
Stepper
BLOCK DIAGRAM
FEATURES AND BENEFITS
Drive Capability up to 2A motor current
Highest Voltage up to 60V DC (TMC261) or 40V DC (TMC260)
Highest Resolution up to 256 microsteps per full step
Compact Size 10x10mm QFP-44 package
Low Power Dissipation, low RDSON & synchronous
rectification
EMI-optimized programmable slope
Protection & Diagnostics overcurrent, short to GND,
overtemperature & undervoltage
stallGuard2™ high precision sensorless motor load detection
coolStep™ load dependent current control for energy savings
up to 75%
microPlyer™
microstep
interpolation
for
increased
smoothness with coarse step inputs.
spreadCycle™ high-precision chopper for best current sine
wave form and zero crossing
APPLICATIONS
Textile, Sewing Machines
Factory Automation
Lab Automation
Liquid Handling
Medical
Office Automation
Printer and Scanner
CCTV, Security
ATM, Cash recycler
POS
Pumps and Valves
Heliostat Controller
CNC Machines
DESCRIPTION
The TMC260 and TMC261 drivers for two-
phase stepper motors offer an industry-
leading
feature
set,
including
high-
resolution
microstepping,
sensorless
mechanical
load
measurement,
load-
adaptive power optimization, and low-
resonance chopper operation. Standard
SPI™ and STEP/DIR interfaces simplify
communication. Integrated power MOSFETs
handle motor currents up to 2A per coil.
Integrated
protection
and
diagnostic
features
support
robust
and
reliable
operation. High integration, high energy
efficiency and small form factor enable
miniaturized designs with low external
component count for cost-effective and
highly competitive solutions.
Universal, cost-effective stepper drivers for two-phase bipolar motors with state-of-the-art features.
Integrated MOSFETs for up to 2 A motor currents per coil. With Step/Dir Interface and SPI.


Similar Part No. - TMC261

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results

Similar Description - TMC261

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com