Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82731H2701A030 Datasheet(PDF) 2 Page - EPCOS

Part # B82731H2701A030
Description  Current-compensated D core double chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82731H2701A030 Datasheet(HTML) 2 Page - EPCOS

  B82731H2701A030 Datasheet HTML 1Page - EPCOS B82731H2701A030 Datasheet HTML 2Page - EPCOS B82731H2701A030 Datasheet HTML 3Page - EPCOS B82731H2701A030 Datasheet HTML 4Page - EPCOS B82731H2701A030 Datasheet HTML 5Page - EPCOS B82731H2701A030 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
07/12
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 250 V AC
Rated current 0.35 ... 1.8 A
Rated inductance 3.3 ... 100 mH
Construction
Current-compensated double choke
Closed rectangular ferrite core
Closed polycarbonate coil former (UL 94 V-0)
Without encapsulation
2-section winding
Clearance and creepage distances
 3 mm
Features
High resonance frequency due to 2-section winding
Approx. 1% stray inductance for symmetrical
interference suppression
Low leakage due to closed core shape
High pulse strength
Low whirring noise
Suitable for wave soldering
Design complies with EN 60938-2 (VDE 0565-2) and UL 1283
UL1) and ENEC (VDE) approvals
Recyclable owing to omission of encapsulation and glue
RoHS-compatible
Applications
Suppression of common-mode interferences
Compact switch-mode power applications
Electronic ballasts in lamps
Terminals
Base material CuNi18Zn20
Layer composition Ni, Sn
Hot-dipped
Pins 0.6
 0.6 (mm)
Lead spacing 10
 12.5 (mm)
Marking
B82731M: Manufacturer, rated inductance, rated current,
ordering code, approval symbols, date of manufacture (WWYY)
B82731H: Manufacturer, ordering code
Delivery mode
Blister tray in cardboard box
1) UL approval with 300 V AC.
B82731M
B82731H
B82731M/H
Power line chokes
Current-compensated D core double chokes


Similar Part No. - B82731H2701A030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82731H2701A030 EPCOS-B82731H2701A030 Datasheet
159Kb / 6P
   Power line chokes
logo
TDK Electronics
B82731H2701A030 TDK-B82731H2701A030 Datasheet
777Kb / 6P
   Current-compensated D core double chokes
More results

Similar Description - B82731H2701A030

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82732R2102B030 TDK-B82732R2102B030 Datasheet
571Kb / 6P
   Current-compensated D core double chokes
B82731H2112A030 TDK-B82731H2112A030 Datasheet
777Kb / 6P
   Current-compensated D core double chokes
B82734R2132B030 TDK-B82734R2132B030 Datasheet
785Kb / 6P
   Current-compensated D core double chokes
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82733F2112B001 TDK-B82733F2112B001 Datasheet
681Kb / 7P
   Current-compensated frame core double chokes
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82731T2102A020 TDK-B82731T2102A020 Datasheet
748Kb / 7P
   Current-compensated E core double chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com