Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2011-0000-000P00G030F Datasheet(PDF) 4 Page - Cree, Inc

Part # CXA2011-0000-000P00G030F
Description  Cree XLamp CXA2011 LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011-0000-000P00G030F Datasheet(HTML) 4 Page - Cree, Inc

  CXA2011-0000-000P00G030F Datasheet HTML 1Page - Cree, Inc CXA2011-0000-000P00G030F Datasheet HTML 2Page - Cree, Inc CXA2011-0000-000P00G030F Datasheet HTML 3Page - Cree, Inc CXA2011-0000-000P00G030F Datasheet HTML 4Page - Cree, Inc CXA2011-0000-000P00G030F Datasheet HTML 5Page - Cree, Inc CXA2011-0000-000P00G030F Datasheet HTML 6Page - Cree, Inc CXA2011-0000-000P00G030F Datasheet HTML 7Page - Cree, Inc CXA2011-0000-000P00G030F Datasheet HTML 8Page - Cree, Inc CXA2011-0000-000P00G030F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
4
XLamp CXa2011 LED
fluX characteristics, standard order codes and bins, 90 cri (i
f= 270 ma, tJ= 85 °c)
The following tables provide order codes for XLamp CXA2011 90 CRI minimum LEDs. For a complete description of the
order code nomenclature, please reference Bin and Order Code Formats (page 11).
color
cct
range
base order codes
min luminous flux
@ 270 ma
2-step order code
4-step order code
Group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
easywhite
3000K
F0
680
783
30H
CXA2011‑0000‑000P0UF030H
30F
CXA2011‑0000‑000P0UF030F
G0
780
898
CXA2011‑0000‑000P0UG030H
CXA2011‑0000‑000P0UG030F
2700K
F0
680
783
27H
CXA2011‑0000‑000P0UF027H
27F
CXA2011‑0000‑000P0U0F027F
color
cct
range
base order codes
min luminous flux
@ 270 ma, 85 °c
chromaticity regions
order code
Group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
ANSI
white
3000K
F0
680
783
7A0, 7B0, 7C0, 7D0
CXA2011‑0000‑000P0UF00E7
G0
780
898
CXA2011-0000-000p0UG00e7
2700K
F0
680
783
8A0, 8B0, 8C0, 8D0
CXA2011‑0000‑000P0UF00E8
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy)
measurements and a tolerance of ±2 on CRI measurements.
Minimum CRI for chromaticity kits 30H, 30F, 27H, 27F, 0E7, 0E8 is 90.
*
Flux values @ 25 °C are calculated and for reference only.


Similar Part No. - CXA2011-0000-000P00G030F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011-0000-000P00G030H CREE-CXA2011-0000-000P00G030H Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
More results

Similar Description - CXA2011-0000-000P00G030F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com