Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-8002JC-PT Datasheet(PDF) 4 Page - EPCOS

Part # SG-8002JC-PT
Description  CRYSTAL OSCILLATOR PROGRAMMABLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SG-8002JC-PT Datasheet(HTML) 4 Page - EPCOS

  SG-8002JC-PT Datasheet HTML 1Page - EPCOS SG-8002JC-PT Datasheet HTML 2Page - EPCOS SG-8002JC-PT Datasheet HTML 3Page - EPCOS SG-8002JC-PT Datasheet HTML 4Page - EPCOS SG-8002JC-PT Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Crystal oscillator
SG-8002 Series
Outline of specifications
Model
Supply
vol-
tage
Operating
temperature
Output load
condition
Symmetry
Output rise time /
Output fall time
SG-8002CE
PT/ST
4.5 V to
5.5 V
-20 °C to +70 °C
5TTL+15pF
40 % to 60 %
(1.4 V, L_TTL=5 TTL+15 pF, f0
≤125 MHz)
45 % to 55 %
(1.4 V, L_TTL=5 TTL+15 pF, f0
≤66.7 MHz)
2.0 ns Max.
(0.8 V to 2.0 V,L_TTL=Max.)
4.0 ns Max.
(0.4 V to 2.4 V,L_TTL=Max.)
-40 °C to +85 °C
45 % to 55 %
(1.4 V, L_TTL=5 TTL+15 pF, f0
≤27.0 MHz)
PH/SH
-20 °C to +70 °C
15 pF
(f0
≤125 MHz)
25 pF
(f0
≤100 MHz)
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤125 MHz)
45 % to 55 %
(50 % VCC, L_CMOS=25 pF, f0
≤66.7 MHz)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
-40 °C to +85 °C
25 pF
(f0
≤27 MHz)
45 % to 55 %
(50 % VCC, L_CMOS=25 pF, f0
≤27.0 MHz)
PC/SC
3.0 V to
3.6 V
-40 °C to +85 °C
15 pF
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤125 MHz)
45 % to 55 %
(50 % VCC, L_CMOS=15 pF, f0
≤40 MHz)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
2.7 V to
3.6 V
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤66.7 MHz)
SG-8002LB
PH/SH
4.5 V to
5.5 V
-40 °C to +85 °C
15 pF
25pF
(f0
≤50 MHz)
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤80 MHz)
45 % to 55 %
(50 % VCC, L_CMOS=25 pF, f0
≤50 MHz)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
PC/SC
3.0 V to
3.6 V
-40 °C to +85 °C
15 pF
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤125 MHz)
45 % to 55 %
(50 % VCC, L_CMOS=15 pF, f0
≤40 MHz)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
2.7 V to
3.6 V
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤66.7 MHz)
SG-8002JF
PT/ST
4.5 V to
5.5 V
-20 °C to +70 °C
5TTL+15 pF (f0
≤ 90 MHz)
15 pF
(f0
≤125 MHz)
25 pF
(f0
≤66.7 MHz)
40 % to 60 %
(1.4 V, L_TTL=5 TTL+15 pF, f0
≤90 MHz)
(1.4 V, L_CMOS=15 pF, f0
≤125 MHz)
(1.4 V, L_CMOS=25 pF, f0
≤66.7 MHz)
45 % to 55 %
(1.4 V, L_TTL=5 TTL+15 pF, f0
≤66.7 MHz)
2.0 ns Max.
(0.8 V to 2.0 V,L_CMOS
≤25pF)
4.0 ns Max.
(0.4 V to 2.4 V,L_CMOS or L_TTL=Max.)
-40 °C to +85 °C
15 pF
(f0
≤40 MHz)
40 % to 60 %
(1.4 V, L_CMOS=15 pF, f0
≤40 MHz)
PH/SH
-20 °C to +70 °C
15 pF
(f0
≤125 MHz)
25 pF
(f0
≤90 MHz)
50 pF
(f0
≤50 MHz)
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤125 MHz)
(50 % VCC, L_CMOS=25 pF, f0
≤90.0 MHz)
(50 % VCC, L_CMOS=50 pF, f0
≤50.0 MHz)
45 % to 55 %
(50 % VCC, L_CMOS=25 pF, f0
≤66.7 MHz)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS
≤25pF)
4.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
-40 °C to +85 °C
15 pF
(f0
≤40 MHz)
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤40 MHz)
PC/SC
3.0 V to
3.6 V
-40 °C to +85 °C
15 pF
30 pF
(f0
≤40 MHz)
40 % to 60 %
(50 % VCC, CL=15 pF, f0
≤125 MHz)
45 % to 55 %
(50 % VCC, CL=30 pF, f0
≤40 MHz)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS
≤15pF)
4.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
2.7 V to
3.6 V
15 pF
40 % to 60 %
(50 % VCC, CL=15 pF, f0
≤66.7 MHz)
SG-8002CA
SG-8002JA
SG-8002DB
SG-8002DC
PT/ST
4.5 V to
5.5 V
-20 °C to +70 °C
5TTL+15pF (f0
≤125 MHz)
25 pF
(f0
≤66.7 MHz)
40 % to 60 %
(1.4 V, L_TTL=5 TTL+15 pF, f0
≤125 MHz)
(1.4 V, L_CMOS=25 pF, f0
≤66.7 MHz)
45 % to 55 %
(1.4 V, L_TTL=5 TTL+15 pF, f0
≤66.7 MHz)
2.0 ns Max.
(0.8 V to 2.0 V,L_CMOS or L_TTL=Max.)
4.0 ns Max.
(0.4 V to 2.4 V,L_CMOS or L_TTL=Max.)
-40 °C to +85 °C
5 TTL+15 pF (f
0≤40 MHz)
15 pF
(f0
≤55 MHz)
40 % to 60 %
(1.4 V, L_CMOS=15 pF, f0
≤55.0 MHz)
45 % to 55 %
(1.4 V, L_TTL=5 TTL+15 pF, f0
≤40.0 MHz)
PH/SH
-20 °C to +70 °C
25 pF
(f0
≤125 MHz)
50 pF
(f0
≤66.7 MHz)
40 % to 60 %
(50 % VCC, L_CMOS=25 pF, f0
≤125 MHz)
(50 % VCC, L_CMOS=50 pF, f0
≤66.7 MHz)
45 % to 55 %
(50 % VCC, L_CMOS=25 pF, f0
≤66.7 MHz)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS
≤25pF)
4.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
-40 °C to +85 °C
15 pF
(f0
≤55 MHz)
25 pF
(f0
≤40 MHz)
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤55.0 MHz)
45 % to 55 %
(50 % VCC, L_MOS=25 pF, f0
≤40.0 MHz)
PC/SC
3.0 V to
3.6 V
-40 °C to +85 °C
15 pF
30 pF
(f0
≤40 MHz)
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤125 MHz)
45 % to 55 %
(50 % VCC, L_CMOS=30 pF, f0
≤40 MHz)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS
≤15pF)
4.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
2.7 V to
3.6 V
15 pF
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤66.7 MHz)
SG-8002JC
PT/ST
4.5 V to
5.5 V
-20 °C to +70 °C
5TTL+15 pF (f0
≤90 MHz)
15 pF
(f0
≤125 MHz)
25 pF
(f0
≤66.7 MHz)
40 % to 60 %
(1.4 V,L_CMOS=15 pF, f0
≤125 MHz)
(1.4 V,L_TTL=5 TTL+15 pF, f0
≤90.0 MHz)
(1.4 V,L_CMOS=25 pF, f0
≤66.7 MHz)
45 % to 55 %
(1.4 V,L_TTL=5 TTL+15 pF, f0
≤66.7 MHz)
2.0 ns Max.
(0.8 V to 2.0 V,L_CMOS or L_TTL=Max.)
4.0 ns Max.
(0.4 V to 2.4 V,L_CMOS or L_TTL=Max.)
PH/SH
15 pF
(f0
≤125 MHz)
25 pF
(f0
≤90 MHz)
50 pF
(f0
≤66.7 MHz)
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤125 MHz)
(50 % VCC, L_CMOS=25 pF, f0
≤90 MHz)
(50 % VCC, L_CMOS=50 pF, f0
≤50 MHz)
45 % to 55 %
(50 % VCC, L_CMOS=25 pF, f0
≤66.7 MHz)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS
≤25pF)
4.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
PC/SC
3.0 V to
3.6 V
-20 °C to +70 °C
15 pF
30 pF
(f0
≤40 MHz)
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤125 MHz)
45 % to 55 %
(50 % VCC, L_CMOS=30 pF, f0
≤40 MHz)
3.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS
≤15pF)
4.0 ns Max.
(20 % VCC to 80 % VCC,L_CMOS=Max.)
2.7 V to
3.6 V
15 pF
40 % to 60 %
(50 % VCC, L_CMOS=15 pF, f0
≤66.7 MHz)
TABLE OF FREQUENCY RANGE
Model
Supply voltage
Frequency
Frequency tolerance
Operating Temperature
SG-8002CE
PT/ ST
PH/ SH
4.5 V to 5.5 V
1.0 MHz to 125 MHz
B,C
1.0 MHz to
27 MHz
M
PC/SC
3.0 V to 3.6 V
1.0 MHz to 125 MHz
B,C,M
2.7 V to 3.6 V
1.0 MHz to
66.7 MHz
SG-8002LB
PH/ SH
4.5 V to 5.5 V
1.0 MHz to
80 MHz
B,C
1.0 MHz to
27 MHz
M,L
PC/ SC
3.0 V to 3.6 V
1.0 MHz to 125 MHz
B,C,M,L
2.7 V to 3.6 V
1.0 MHz to
66.7 MHz
SG-8002JF
PT/ ST
PH/ SH
4.5 V to 5.5 V
1.0 MHz to 125 MHz
B,C
1.0 MHz to
40 MHz
M
PC/ SC
3.0 V to 3.6 V
1.0 MHz to 125 MHz
B,C,M
2.7 V to 3.6 V
1.0 MHz to
66.7 MHz
SG-8002CA
SG-8002JA
SG-8002DB
SG-8002DC
PT/ ST
PH/ SH
4.5 V to 5.5 V
1.0 MHz to 125 MHz
B,C
1.0 MHz to
55 MHz
M
PC/ SC
3.0 V to 3.6 V
1.0 MHz to 125 MHz
B,C,M
2.7 V to 3.6 V
1.0 MHz to
66.7 MHz
SG-8002JC
PT/ ST
PH/ SH
4.5 V to 5.5 V
1.0 MHz to 125 MHz
B,C
PC/ SC
3.0 V to 3.6 V
1.0 MHz to 125 MHz
B,C
2.7 V to 3.6 V
1.0 MHz to
66.7 MHz
Frequency tolerance:
B:±50×10
-6(-20 °C to +70 °C ), C:±100×10-6 (-20 °C to +70 °C ), M:±100×10-6 (-40 °C to +85 °C ), L:±50×10-6 (-40 °C to +85 °C )


Similar Part No. - SG-8002JC-PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-8002JC ETC-SG-8002JC Datasheet
19Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson ToYoCom
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
More results

Similar Description - SG-8002JC-PT

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG-8101CGA EPSON-SG-8101CGA Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
logo
Renesas Technology Corp
IDT8N4S271 RENESAS-IDT8N4S271 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
logo
NIHON DEMPA KOGYO
2775Y NDK-2775Y Datasheet
90Kb / 1P
   Crystal Clock Oscillator Programmable Type
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
logo
Renesas Technology Corp
IDT8N3S270 RENESAS-IDT8N3S270 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
IDT8N3S270EC-1103 RENESAS-IDT8N3S270EC-1103 Datasheet
1Mb / 16P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com