Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC74UL02AA Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC74UL02AA
Description  CMOS Logic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74UL02AA Datasheet(HTML) 2 Page - Torex Semiconductor

  XC74UL02AA_12 Datasheet HTML 1Page - Torex Semiconductor XC74UL02AA_12 Datasheet HTML 2Page - Torex Semiconductor XC74UL02AA_12 Datasheet HTML 3Page - Torex Semiconductor XC74UL02AA_12 Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
XC74UL02AA
PARAMETER
SYMBOL
VCC(V)
CONDITIONS
UNITS
Supply Voltage
VCC
2~5.5
V
Input Voltage
VIN
0~5.5
V
Output Voltage
VOUT
0~VCC
V
Operating Temperature Range
Topr
-40~+85
3.0
-4
IOH
4.5
-8
3.0
4
Output Current
IOL
4.5
8
mA
3.3
0~100
Input Rise and Fall Time
tr,tf
5.0
0~20
ns
Ta=25℃
Ta=-40℃~85℃
PARAMETER
SYMBOL
VCC(V)
CONDITIONS
MIN.
TYP.
MAX.
MIN.
MAX.
UNITS
2.0
1.5
1.5
3.0
2.1
2.1
VIH
5.5
3.85
3.85
V
2.0
0.5
0.5
3.0
0.9
0.9
Input Voltage
VIL
5.5
1.65
1.65
V
2.0
1.9
2.0
1.9
3.0
2.9
3.0
2.9
4.5
IOH=-50μA
4.4
4.5
4.4
3.0
IOH=-4mA
2.58
2.48
VOH
4.5
VIN=VIH
IOH=-8mA
3.94
3.80
V
2.0
0.1
0.1
3.0
0.1
0.1
4.5
IOL=50μA
0.1
0.1
3.0
IOL=4mA
0.36
0.44
Output Voltage
VOL
4.5
VIN=VIH
IOL=8mA
0.36
0.44
V
Input Current
IIN
0~5.5
VIN=VCC or GND
-0.1
0.1
-1.0
1.0
Static Supply Current
ICC
5.5
VIN=VCC or GND,IOUT=0μA
1.0
10.0
μ
A
Ta=25℃
Ta=-40℃~85℃
PARAMETER
SYMBOL
CL
VCC(V)
CONDITIONS
MIN.
TYP.
MAX.
MIN.
MAX.
UNITS
3.3
3.9
7.9
1.0
9.5
tPLH
15pF
5.0
2.7
5.5
1.0
6.5
ns
3.3
5.5
11.4
1.0
13.0
50pF
5.0
3.9
7.5
1.0
8.5
ns
3.3
3.5
7.9
1.0
9.5
tPHL
15pF
5.0
2.6
5.5
1.0
6.5
ns
3.3
4.9
11.4
1.0
13.0
Delay Time
50pF
5.0
3.6
7.5
1.0
8.5
ns
Input Capacitance
CIN
5.0
VIN=VCC or GND
4
10
10
pF
Power Dissipation Capacitance
Cpd
No Load, f=1MHz
9.7
pF
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS
SWITCHING ELECTRICAL CHARACTERISTICS
tr=tf=3ns


Similar Part No. - XC74UL02AA_12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL02AA-12 TOREX-XC74UL02AA-12 Datasheet
159Kb / 4P
   CMOS Logic
More results

Similar Description - XC74UL02AA_12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL08AA TOREX-XC74UL08AA Datasheet
113Kb / 3P
   CMOS LOGIC
XC74UL32AA TOREX-XC74UL32AA Datasheet
109Kb / 3P
   CMOS Logic
XC74WL125ASR TOREX-XC74WL125ASR_15 Datasheet
203Kb / 6P
   CMOS Logic
XC74UL00AA TOREX-XC74UL00AA_15 Datasheet
155Kb / 4P
   CMOS Logic
XC74UL4066_002 TOREX-XC74UL4066_002 Datasheet
351Kb / 11P
   CMOS Logic
XC74WL14AASR_001 TOREX-XC74WL14AASR_001 Datasheet
146Kb / 4P
   CMOS Logic
XC74WL32AASR_001 TOREX-XC74WL32AASR_001 Datasheet
145Kb / 4P
   CMOS Logic
XC74WL86AASR_001 TOREX-XC74WL86AASR_001 Datasheet
149Kb / 4P
   CMOS Logic
XC74WL126ASR_001 TOREX-XC74WL126ASR_001 Datasheet
198Kb / 6P
   CMOS Logic
XC74WL240ASR_001 TOREX-XC74WL240ASR_001 Datasheet
199Kb / 6P
   CMOS Logic
XC74WL4066SR_001 TOREX-XC74WL4066SR_001 Datasheet
234Kb / 11P
   CMOS Logic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com