Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2520-0000-000N00Q235H Datasheet(PDF) 6 Page - Cree, Inc

Part # CXA2520-0000-000N00Q235H
Description  6-Inch Downlight Reference Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2520-0000-000N00Q235H Datasheet(HTML) 6 Page - Cree, Inc

Back Button CXA2520-0000-000N00Q235H Datasheet HTML 2Page - Cree, Inc CXA2520-0000-000N00Q235H Datasheet HTML 3Page - Cree, Inc CXA2520-0000-000N00Q235H Datasheet HTML 4Page - Cree, Inc CXA2520-0000-000N00Q235H Datasheet HTML 5Page - Cree, Inc CXA2520-0000-000N00Q235H Datasheet HTML 6Page - Cree, Inc CXA2520-0000-000N00Q235H Datasheet HTML 7Page - Cree, Inc CXA2520-0000-000N00Q235H Datasheet HTML 8Page - Cree, Inc CXA2520-0000-000N00Q235H Datasheet HTML 9Page - Cree, Inc CXA2520-0000-000N00Q235H Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
XLamp CXa2520 LED
6-inCh DownLight
REfEREnCE DEsign
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
figure 2: pCt view of the number of LEDs used and driving current
The PCT shows that, at 600 mA, one CXA2520 LED provides sufficient light output to meet the design goal.
thermal Requirements
we used a commercially available heat sink/housing, shown in Figure 3, for the 6-inch downlight in this reference
design.5 The heat sink/housing is made of anodized forged aluminum. The heat sink/housing is part of a kit that includes
a cover glass and front trim ring.
figure 3: Top (left), side (center) and bottom (right) views of heat sink/housing
We performed thermal simulations to verify this thermal design is sufficient. Figure 4 shows the thermal simulation
results for the design. The simulated T
Sp is 46 °C.
5
Model ADC 10, Xing Yi Lighting, www.xingyilight.com/main.asp
1
LED System Comparison Report
System:
2,000
90%
87%
Model
Model
Model
Flux
Q2 [2100]
Tsp (ºC)
45
Flux
30F 90% [694]
Tj (ºC)
85
Flux
Tj (ºC)
25
Price
-
$
Price
-
$
Price
-
$
SYS # LED SYS lm tot
SYS W
SYS lm/W
SYS # LED SYS lm tot
SYS W
SYS lm/W
0.520
2
3800.65
43.447
87.5
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.530
2
3856.12
44.35
86.9
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.540
2
3911.04
45.254
86.4
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.550
2
3965.44
46.16
85.9
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.600
1
2114.42
25.351
83.4
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.650
1
2239.96
27.637
81
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
0.700
1
2359.8
29.937
78.8
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
#N/A
LED 2
LED 3
This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets available at www.cree.com.
Copyright © 2009-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
Cree XLamp CXA2520 {EZW}
Cree XLamp MT-G2: 36V {EZW}
(none)
Target Lumens :
Optical Efficiency:
Electrical Efficiency:
LED 1


Similar Part No. - CXA2520-0000-000N00Q235H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2520-0000-000N00Q235H CREE-CXA2520-0000-000N00Q235H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
More results

Similar Description - CXA2520-0000-000N00Q235H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
   CR6 LED Downlight - 6
LE6 CREE-LE6 Datasheet
751Kb / 2P
   6 Adjustable LED Downlight
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com