Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2520-0000-000N00Q240H Datasheet(PDF) 8 Page - Cree, Inc

Part # CXA2520-0000-000N00Q240H
Description  6-Inch Downlight Reference Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2520-0000-000N00Q240H Datasheet(HTML) 8 Page - Cree, Inc

Back Button CXA2520-0000-000N00Q240H Datasheet HTML 4Page - Cree, Inc CXA2520-0000-000N00Q240H Datasheet HTML 5Page - Cree, Inc CXA2520-0000-000N00Q240H Datasheet HTML 6Page - Cree, Inc CXA2520-0000-000N00Q240H Datasheet HTML 7Page - Cree, Inc CXA2520-0000-000N00Q240H Datasheet HTML 8Page - Cree, Inc CXA2520-0000-000N00Q240H Datasheet HTML 9Page - Cree, Inc CXA2520-0000-000N00Q240H Datasheet HTML 10Page - Cree, Inc CXA2520-0000-000N00Q240H Datasheet HTML 11Page - Cree, Inc CXA2520-0000-000N00Q240H Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
XLamp CXa2520 LED
6-inCh DownLight
REfEREnCE DEsign
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales at sales@cree.com.
figure 6: cXA2520 downlight reflector
4.
CALCuLAtE thE numbER of LEDs
The purpose of this reference design is to show that a single XLamp CXA2520 LED can deliver equivalent lighting utility
and superior performance compared to existing 42-w cFl downlights on the market. The cXa2520 leD is a multi-chip
LED package that can offer the required lumens with new levels of LED‑to‑LED color consistency and efficiency. The new
Xlamp cXa2520 leD is 15% brighter than the original cXa2011,8 which can enable superior leD lighting designs even
more quickly.
we selected a warm white leD for this reference design, shown highlighted in yellow in Table 6. By choosing an leD
from a mid‑level flux bin, we ensured that the design uses an LED that is readily available.
Color
CCt
Range
base order Codes
min. Luminous flux
@ 550 mA
2-step order Code
4-step order Code
group
flux
(lm) @
85 °C
flux
(lm) @
25 °C*
Chromaticity
Region
Chromaticity
Region
easywhite
4000K
Q2
2100
2379
40H
CXA2520‑0000‑000N00Q240H
40F
CXA2520‑0000‑000N00Q240F
Q4
2260
2560
CXA2520‑0000‑000N00Q440H
CXA2520‑0000‑000N00Q440F
r2
2420
2741
cXa2520-0000-000N00r240H
cXa2520-0000-000N00r240F
3500K
p4
1965
2226
35H
cXa2520-0000-000N00p435H
35F
cXa2520-0000-000N00p435F
Q2
2100
2379
CXA2520‑0000‑000N00Q235H
CXA2520‑0000‑000N00Q235F
Q4
2260
2560
CXA2520‑0000‑000N00Q435H
CXA2520‑0000‑000N00Q435F
3000K
p4
1965
2226
30H
cXa2520-0000-000N00p430H
30F
cXa2520-0000-000N00p430F
Q2
2100
2379
CXA2520‑0000‑000N00Q230H
CXA2520‑0000‑000N00Q230F
2700K
p2
1830
2073
27H
cXa2520-0000-000N00p227H
27F
cXa2520-0000-000N00p227F
p4
1965
2226
cXa2520-0000-000N00p427H
cXa2520-0000-000N00p427F
Q2
2100
2379
CXA2520‑0000‑000N00Q227H
CXA2520‑0000‑000N00Q227F
table 6: CXA2520 LED order codes
8
At 1 A, junction temperature (T
J)
= 85 °C


Similar Part No. - CXA2520-0000-000N00Q240H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2520-0000-000N00Q240H CREE-CXA2520-0000-000N00Q240H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
More results

Similar Description - CXA2520-0000-000N00Q240H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
   CR6 LED Downlight - 6
LE6 CREE-LE6 Datasheet
751Kb / 2P
   6 Adjustable LED Downlight
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com