Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-8002CE-PC Datasheet(PDF) 3 Page - EPCOS

Part # SG-8002CE-PC
Description  CRYSTAL OSCILLATOR PROGRAMMABLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SG-8002CE-PC Datasheet(HTML) 3 Page - EPCOS

  SG-8002CE-PC Datasheet HTML 1Page - EPCOS SG-8002CE-PC Datasheet HTML 2Page - EPCOS SG-8002CE-PC Datasheet HTML 3Page - EPCOS SG-8002CE-PC Datasheet HTML 4Page - EPCOS SG-8002CE-PC Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Crystal oscillator
SG-8002JA
SOJ 4pin 14.0x9.8x4.7 mm
Package and pin compatible with SG-615.
0.51
5.08
0.25Min.
14.0 Max.
#1
#2
#4
#3
7.62
100.0000 C
2PH
9357B
EPSON
5.08
1.3
SG-8002DC
DIP half size
19.8 Max.
0.51
15.24
0.2 Min.
7.62
0.25
90
~105
13.7 Max.
0.51
7.62
0.2Min.
7.62
0.25
90
~105
EPSON
2PH
9357B
16.0000 C 2PH
EPSON 9357B
100.0000 C
#1
#4
#5
#8
#1
#7
#8
#14
SG-8002DB
DIP full size
Note.
OE Pin (PT, PH, PC)
OE Pin = "H" or "open": Specified frequency output.
OE Pin = "L": Output is high impedance.
ST Pin (ST, SH, SC)
ST Pin = "H" or "open": Specified frequency output.
ST Pin = "L": Output is low level (weak pull - down), oscillation
stops.
To maintain stable operation, provide a 0.01uF to 0.1uF by-pass capacitor
at a location as near as possible to the power source terminal of the crys-
tal product (between Vcc - GND).
Pin map
Pin
Connection
1
OE or ST
2
GND
3
OUT
4
VCC
Pin map: SG-8002DC
Pin
Connection
1
OE or ST
4
GND
5
OUT
8
VCC
Pin map: SG-8002DB
Pin
Connection
1
OE or ST
7
GND
8
OUT
14
VCC
External dimensions and Recommended footprint (Continued)
(Unit:mm)
Products number
(Please contact us for each product.)
SG-8002CE:
Q3321CExxxxxx00
SG-8002JC:
Q3307JCx2xxxx00
SG-8002LB:
Q3323LBxxxxxx00
SG-8002JA:
Q3306JAx2xxxx00
SG-8002CA:
Q3309CAx0xxxx00
SG-8002DC:
Q3204DCx2xxxx00
SG-8002JF:
Q3308JFx2xxxx00
SG-8002DB:
Q3203DBx2xxxx00
SG-8002JC
SOJ 4pin 10.5x5.8x2.7 mm
Package and pin compatible with SG-636.
0.51
5.08
0.05Min.
10.5 Max.
#1
#2
#4
#3
3.6
(1.0)
(1.0)
E125.0000 C
2PH
9357B
5.08
1.3
Metal may be exposed on the top
or bottom of this product. This will
not affect any quality, reliability or
electrical spec.


Similar Part No. - SG-8002CE-PC

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-8002CE-PTB EPSON-SG-8002CE-PTB Datasheet
175Kb / 1P
   Product Configuration System
More results

Similar Description - SG-8002CE-PC

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG-8101CGA EPSON-SG-8101CGA Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
logo
Renesas Technology Corp
IDT8N4S271 RENESAS-IDT8N4S271 Datasheet
725Kb / 19P
   LVDS Frequency-Programmable Crystal Oscillator
2019
logo
NIHON DEMPA KOGYO
2775Y NDK-2775Y Datasheet
90Kb / 1P
   Crystal Clock Oscillator Programmable Type
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
logo
Renesas Technology Corp
IDT8N3S270 RENESAS-IDT8N3S270 Datasheet
1Mb / 20P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
IDT8N3S270EC-1103 RENESAS-IDT8N3S270EC-1103 Datasheet
1Mb / 16P
   LVPECL Frequency-Programmable Crystal Oscillator
2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com