Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBB0207207ND0000FCT00 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MBB0207207ND0000FCT00
Description  Professional Thin Film Leaded Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBB0207207ND0000FCT00 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MBB0207207ND0000FCT00 Datasheet HTML 2Page - Vishay Siliconix MBB0207207ND0000FCT00 Datasheet HTML 3Page - Vishay Siliconix MBB0207207ND0000FCT00 Datasheet HTML 4Page - Vishay Siliconix MBB0207207ND0000FCT00 Datasheet HTML 5Page - Vishay Siliconix MBB0207207ND0000FCT00 Datasheet HTML 6Page - Vishay Siliconix MBB0207207ND0000FCT00 Datasheet HTML 7Page - Vishay Siliconix MBB0207207ND0000FCT00 Datasheet HTML 8Page - Vishay Siliconix MBB0207207ND0000FCT00 Datasheet HTML 9Page - Vishay Siliconix MBB0207207ND0000FCT00 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
www.vishay.com
Revision: 03-Dec-12
27
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
Professional Thin Film Leaded Resistors
Vishay Beyschlag
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT\rARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESCRIPTION
Production is strictly controlled and follows an extensive
set
of
instructions
established
for
reproducibility.
A
homogeneous film of metal alloy is deposited on a high grade
ceramic body and conditioned to achieve the desired
temperature coefficient. Plated steel termination caps are
firmly pressed on the metallized rods. A special laser is used
to achieve the target value by smoothly cutting a helical
groove in the resistive layer without damaging the ceramics.
Connecting wires of electrolytic copper plated with 100 %
pure tin are welded to the termination caps. The resistor
elements are covered by a light blue protective coating
designed for electrical, mechanical and climatic protection.
Four or five color code rings designate the resistance value
and tolerance in accordance with IEC 60062.
The result of the determined production is verified by an
extensive testing procedure performed on 100 % of the
individual resistors. Only accepted products are stuck
directly
on
the
adhesive
tapes
in
accordance
with
IEC 60286-1 or for the radial versions in accordance to
IEC 60286-2.
ASSEMBLY
The resistors are suitable for processing on automatic
insertion equipment and cutting and bending machines.
Excellent solderability is proven, even after extended
storage. They are suitable for automatic soldering using
wave or dipping.
The resistors are completely lead (Pb)-free, the pure tin
plating provides compatibility with lead (Pb)-free and
lead-containing soldering processes. The immunity of the
plating against tin whisker growth has been proven under
extensive testing.
The encapsulation is resistant to all cleaning solvents
commonly used in the electronics industry, including
alcohols, esters and aqueous solutions. The suitability of
conformal coatings, if applied, shall be qualified by
appropriate means to ensure the long-term stability of the
whole system.
All
products
comply
with
GADSL
(1)
and
the
CEFIC-EECA-EICTA
(2)
list
of
legal
restrictions
on
hazardous substances. This includes full compliance with
the following directives:
 2000/53/EC End of Vehicle Life Directive (ELV) and
Annex II (ELVII)
 2002/95/EC Restriction of the use of Hazardous
Substances Directive (RoHS)
 2002/96/EC Waste Electrical and Electrical Equipment
Directive (WEEE)
APPROVALS
The resistors (CECC version) are approved within the
IECQ-CECC Quality Assessment System for Electronic
Components to the detail specification EN 140101-806
which refers to EN 60115-1 and EN 140100 and the variety
of environmental test procedures of the IEC 60068 series.
Conformity is attested by the use of the CECC logo (
) as
the Mark of Conformity on the package label for the CECC
version.
Vishay
BEYSCHLAG
has
achieved
"Approval
of
Manufacturer" in accordance with IEC QC 001002-3,
clause 2. The release certificate for "Technology Approval
Schedule" in accordance with CECC 240001 based on
IEC QC 001002-3, clause 6 is granted for the Vishay
BEYSCHLAG manufacturing process.
RELATED PRODUCTS
For a corelated range of precision TCR and tolerance
specifications see the datasheet:
 “Precision Thin Film Leaded Resistors”, document no.
28767
For products approved to EN 140101-806, version E, with
established reliability and failure rate level E7 (Quality factor
Q = 0.1), see the datasheet:
 “Established Reliability Thin Film Leaded Resistors”,
document no. 28768
Notes
(1) Global Automotive Declarable Substance List, see www.gadsl.org
(2) CEFIC (European Chemical Industry Council), EECA (European Electronic Component Manufacturers Association), EICTA (European
trade
organisation
representing
the
information
and
communications
technology
and
consumer
electronics),
see
www.eicta.org/index.php?id=1053&id_article=340


Similar Part No. - MBB0207207ND0000FCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBB0207 VISHAY-MBB0207 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
List of Unclassifed Man...
MBB0207 ETC2-MBB0207 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MBB0207 VISHAY-MBB0207 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB0207 VISHAY-MBB0207 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB0207 VISHAY-MBB0207 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
More results

Similar Description - MBB0207207ND0000FCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204_15 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com