Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RACD20-D Datasheet(PDF) 2 Page - Recom International Power

Part # RACD20-D
Description  20W Class II AC-DC LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD20-D Datasheet(HTML) 2 Page - Recom International Power

  RACD20-D Datasheet HTML 1Page - Recom International Power RACD20-D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-electronic.com
L-30
REV:0/2013
155
144
50
42
21
3.5mm dia.
350mA
+
350mA
700mA or
Mode Select S1
500mA
+
500mA
1050mA
33.5
77.5
Tc
RACD20-D
Series
LIGHTLINE
AC/DC-Converter
Package Style and Pinning
Connections
CN1
Function
L (loopthrough) VAC out (L)
N (loopthrough) VAC out (N)
CN2
Function
L
VAC in (L)
N
VAC in (N)
S1
Function
1+2
Dual Mode
2+3
Single Mode
CN3
Function
-
common
+
1-10V or 150k
CN4
Function
Ch1 -
LED+
Ch1 +
LED-
CN5
Function
Ch2 +
LED+
Ch2 -
LED-
Tolerance
XX = +/-1mm
XX.X = +/-0.5mm
Dimming Control
Rheostat (15%~100%)
0-150kOhm
External Voltage (15%-100%)
1-10VDC
Overtemperature Protection
Shutdown, Automatic restart after cooling down
Operating Temperature Range
Ambient Temperature
-20°C to +40°C
(free air convection)
Case Temp.
85°C max.
Weight
140g
Packing Quantity
1pc
Storage Temperature Range
-40°C to +100°C
Humidity
95% RH max.
IP Rating
IP20, Indoor Use Only
PCB Material
Plastic Resin with Fibreglass (UL94V-0)
Case Material
Plastic
Designed to meet Standards
Electrical Lighting, EMC Emissions
EN55015:2006 + A1: 2007 + A2:2009
Limits for Harmonics Emissions
EN 61000-3-2:2006
EMC Compatibilty: Flicker and Voltage Variations
EN 61000-3-3:2006
Electrical Lighting: EMC Immunity
EN 61547:1995 + A1:2000
Class II Power Supply Safety
UL1310
FCC
FCC18A
THD
<20%
Certifications
LED Lighting Safety
designed to meet UL8750
Certification, General Safety
designed to meet EN 61347-1: 2008
Design Lifetime
25°C ambient
>70 x 10³ hours in operation
Connections
AC Input
Screw terminal
AC Output (loop through)
Screw terminal
LED Outputs
Screw Terminal*
* Do not connect or disconnect the LED load while the converter is on. This may damage the LED or reduce its life.
Specifications cont. (typical at 25°C and after warm up time unless otherwise specified )
2 Mounting screws are included
Tc=Case Temperature Measurement Point
3rd angle
projection
Ch1
350
350
Ch2
700
Ch1
500
500
Ch2
1050


Similar Part No. - RACD20-D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD20-D RECOM-RACD20-D Datasheet
90Kb / 2P
   AC/DC-Converter with 5 year Warranty
More results

Similar Description - RACD20-D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD20 RECOM-RACD20_13 Datasheet
97Kb / 2P
   20W Class II AC-DC LED Power Supply
RACD30 RECOM-RACD30_13 Datasheet
96Kb / 2P
   30W Class II AC-DC LED Power Supply
RACD03 RECOM-RACD03 Datasheet
93Kb / 2P
   3W Class II AC-DC LED Power Supply
RACD25 RECOM-RACD25 Datasheet
68Kb / 2P
   25W Class II AC-DC LED Power Supply
RACD06 RECOM-RACD06 Datasheet
95Kb / 2P
   6W AC-DC Class II LED Power Supply
logo
LinkCom Manufacturing C...
20-LSP LINKCOM-20-LSP Datasheet
451Kb / 3P
   20W LED Power Supply
logo
Mean Well Enterprises C...
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
logo
LinkCom Manufacturing C...
LSP10A248001 LINKCOM-LSP10A248001 Datasheet
75Kb / 1P
   AC TO DC LED POWER SUPPLY
logo
List of Unclassifed Man...
LF2200 ETC1-LF2200 Datasheet
122Kb / 1P
   AC to DC LED Power Supply
logo
LinkCom Manufacturing C...
LSP10A224001 LINKCOM-LSP10A224001 Datasheet
91Kb / 1P
   AC TO DC LED POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com