Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF40060 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MBRF40060
Description  SCHOTTKY DIODES MODULE TYPE 400A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBRF40060 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MBRF40060 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBRF40060 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High Surge Capability
Maximum Ratings
Operating Temperature: -40 C to
+175
Storage Temperature: -40 C to
+175
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
400A
TC =125
Peak Forward Surge
Current
IFSM
3000A
8.3ms , half sine
Maximum
Instantaneous
Forward Voltage
VF
0.65V
I FM =200A;
T = 25
IR
mA
TJ = 25
TJ =
Types Up to 100V VRRM
Maximum Thermal
Resistance Junction
To Case
R j c
/W
m A
E
E
G
G
H
H
D
D
A
A
B
B
C
C
M
M
L
L
JJ
F
F
K
K
MBRF40020(R)
MBRF40030(R)
MBRF40035(R)
MBRF40040(R)
MBRF40045(R)
MBRF40060(R)
MBRF40080(R)
MBRF400100(R)
20V
30V
35V
40V
45V
60V
80V
100V
14V
21V
25V
28V
32V
42V
56V
70V
20V
30V
35V
40V
45V
60V
80V
100V
0.75V
0.84V
(MBRF40020~MBRF40045)
(MBRF40060)
(MBRF40080~MBRF400100)
j
5.0
200
125
(Per pkg)
(Per leg)
(Per leg)
(Per leg)
0.8
FULL PACKAGE
400Amp Rectifier
20-100 Volts
SCHOTTKY DIODES MODULE TYPE 400A
MBRF40020(R)
THRU
MBRF400100(R)
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼
B
C
.700
E
F
G
H
1/4
.380
1.565
NOM
.604
K
L
3.150
40.26
.800
.119
3.55
.132
3.65
- 20
.185
1.375
.635
REF
.410
.195
39.75
80.01
17.78
3.02
34.92
15.35
UNC
90.17
9.65
4.70
NOM
1.585
20.32
3.35
REF
16.35
92.71
FULL
10.41
4.95
J
M
7.49
6.99
.295
.275
LUG
Teminal
Anode 1
Baseplate
Common Cathode
Baseplate
R=Common Anode
LUG
Teminal
Anode 2
LUG
Teminal
Cathode 1
LUG
Teminal
Cathode 2
NOTE (1)
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
Voltage
(Per leg)
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)


Similar Part No. - MBRF40060

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBRF40060 TEL-MBRF40060 Datasheet
124Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 400A
logo
GeneSiC Semiconductor, ...
MBRF40060 GENESIC-MBRF40060 Datasheet
467Kb / 3P
   Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
MBRF40060R TEL-MBRF40060R Datasheet
124Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 400A
More results

Similar Description - MBRF40060

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR40020CT TEL-MBR40020CT Datasheet
133Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 400A
MBRF40020 TEL-MBRF40020 Datasheet
124Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 400A
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST7320SL TEL-FST7320SL Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 70A
FST8320M TEL-FST8320M Datasheet
146Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 80A
FST16020 TEL-FST16020 Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 160A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com