Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBA0204207NC0000FCT00 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MBA0204207NC0000FCT00
Description  Professional Thin Film Leaded Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA0204207NC0000FCT00 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MBA0204207NC0000FCT00 Datasheet HTML 5Page - Vishay Siliconix MBA0204207NC0000FCT00 Datasheet HTML 6Page - Vishay Siliconix MBA0204207NC0000FCT00 Datasheet HTML 7Page - Vishay Siliconix MBA0204207NC0000FCT00 Datasheet HTML 8Page - Vishay Siliconix MBA0204207NC0000FCT00 Datasheet HTML 9Page - Vishay Siliconix MBA0204207NC0000FCT00 Datasheet HTML 10Page - Vishay Siliconix MBA0204207NC0000FCT00 Datasheet HTML 11Page - Vishay Siliconix MBA0204207NC0000FCT00 Datasheet HTML 12Page - Vishay Siliconix MBA0204207NC0000FCT00 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28766
32
Revision: 03-Dec-12
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
Vishay Beyschlag
Professional Thin Film Leaded Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT\rARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) ± (0.4 %
R + 0.05
) for MBE/SMA 0414
(2) ± (0.8 %
R + 0.05
) for MBE/SMA 0414
(3) ± (0.2 %
R + 0.05
) for MBE/SMA 0414
(4) ± (0.4 %
R + 0.05
) for MBE/SMA 0414
4.23
Climatic
sequence:
4.23.2
2 (Ba)
Dry heat
155 °C; 16 h
4.23.3
30 (Db)
Damp heat,
cyclic
55 °C; 24 h;
90 % to 100 % RH;
1 cycle
4.23.4
1 (Aa)
Cold
- 55 °C; 2 h
4.23.5
13 (M)
Low air
pressure
8.5kPa; 2h;
15 °C to 35 °C
4.23.6
30 (Db)
Damp heat,
cyclic
55 °C; 5 days;
95 % to 100 % RH;
5 cycles
± (0.5 %
R + 0.05
)
no visible
damage
± (1 %
R + 0.05
)
no visible
damage
± 2 %
R
no visible
damage
4.13
-
Short time
overload
Room temperature;
U = 2.5 x
or
U = 2 x Umax.; 5 s
± (0.1 %
R + 0.01
)
no visible
damage
± (0.25 %
R + 0.05
)
no visible
damage
± 0.5 %
R
no visible
damage
4.19
14 (Na)
Rapid change
of temperature
30 min at LCT = - 55 °C
30 min at UCT= 155 °C
5 cycles
± (0.1 %
R + 0.01
)
± (0.25 %
R + 0.05
)
± 0.5 %
R
MBA/SMA 0204:
500 cycles
MBB/SMA 0207:
200 cycles
MBE/SMA 0414:
100 cycles
± (0.5 %
R + 0.05
)
± (0.5 %
R + 0.05
)
± (0.5 %
R + 0.05
)
4.29
45 (XA)
Component
solvent
resistance
Isopropyl alcohol
+ 23 °C; toothbrush
method
Marking legible;
no visible damage
4.18.2
20 (Tb)
Resistance to
soldering heat
Unmounted
components;
(260 ± 3) °C;
(10 ± 1) s
± (0.1 %
R + 0.01
)
no visible
damage
± (0.25 %
R + 0.05
)
no visible
damage
± 0.5 %
R
no visible
damage
4.17
20 (Ta)
Solderability
+ 235 °C; 2 s
solder bath method;
SnPb40
Good tinning (> 95 % covered, no visible damage)
+ 245 °C; 3 s
solder bath method;
SnAg3Cu0.5
4.22
6 (B4)
Vibration
6 h; 10 Hz to 2000 Hz
1.5 mm or 196 m/s2
± (0.1 %
R + 0.01
)
± (0.25 %
R + 0.05
)
± 0.5 %
R
4.16
21 (Ua1)
21 (Ub)
21 (Uc)
Robustness of
terminations
Tensile, bending and
torsion
± (0.1 %
R + 0.01
)
± (0.25 %
R + 0.05
)
± 0.5 %
R
4.7
-
Voltage proof
URMS = Uins; 60 s
No flashover or breakdown
4.40
-
Electrostatic
discharge
(human body
model)
IEC 61340-3-1;
3 pos. + 3 neg.
MBA/SMA 0204: 2 kV
MBB/SMA 0207: 4 kV
MBE/SMA 0414: 6 kV
± (0.5 %
R +0.05
)
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2-
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R max.)
Stability for product
types:
STABILITY
CLASS 0.5
STABILITY
CLASS 1
STABILITY
CLASS 2
MBA/SMA 0204
1
 to 332 k
0.22
 to < 1 
> 332 k
MBB/SMA 0207
1
 to 1 M
0.22
 to < 1 
> 1 M
MBE/SMA 0414
1
 to 2.4 M
0.22
 to < 1 
> 2.4 M
P
70 x R


Similar Part No. - MBA0204207NC0000FCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
More results

Similar Description - MBA0204207NC0000FCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204_15 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com