Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBA02042070C0000DCT00 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBA02042070C0000DCT00
Description  Professional Thin Film Leaded Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA02042070C0000DCT00 Datasheet(HTML) 3 Page - Vishay Siliconix

  MBA02042070C0000DCT00 Datasheet HTML 1Page - Vishay Siliconix MBA02042070C0000DCT00 Datasheet HTML 2Page - Vishay Siliconix MBA02042070C0000DCT00 Datasheet HTML 3Page - Vishay Siliconix MBA02042070C0000DCT00 Datasheet HTML 4Page - Vishay Siliconix MBA02042070C0000DCT00 Datasheet HTML 5Page - Vishay Siliconix MBA02042070C0000DCT00 Datasheet HTML 6Page - Vishay Siliconix MBA02042070C0000DCT00 Datasheet HTML 7Page - Vishay Siliconix MBA02042070C0000DCT00 Datasheet HTML 8Page - Vishay Siliconix MBA02042070C0000DCT00 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28766
24
Revision: 03-Dec-12
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
Vishay Beyschlag
Professional Thin Film Leaded Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT\rARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Approval is according to EN 140101-806, version A
(2) Resistance value to be selected from E24 series for ± 5 %, ± 2 % tolerance, from E24/E96 series for ± 1 % tolerance and from E24/E192 for
± 0.5 % tolerance
(3) AEC-Q200 qualification applies to products with TCR = ± 50 ppm/K and tolerance = ± 1 % in the ranges of 10
 to 301 k for MBA/SMA 0204,
10 Ohm to 7.5 M
 for MBB/SMA 0207, and 10  to 22 M for MBE/SMA 0414
• Resistance ranges printed in bold are preferred TCR/tolerance combinations with optimized availability
• The PART NUMBER shown above is to facilitate the unified part numbering system for ordering products
• Radial version (RB, UB) cannot be qualified according to CECC so these can only be ordered as standard products
PART NUMBER AND PRODUCT DESCRIPTION - CECC APPROVED PRODUCTS (1)
PART NUMBER: MBB0207VC1001FCT00
TYPE/SIZE
VARIANT
TCR
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
MBA0204 =
MBA/SMA 0204
MBB0207 =
MBB/SMA 0207
MBE0414 =
MBE/SMA 0414
V = CECC 06
D = ± 25 ppm/K
C = ± 50 ppm/K
Z = Jumper
3 digit value
1 digit multiplier
MULTIPLIER
7 = *10-3 2 = *102
8 = *10-2 3 = *103
9 = *10-1 4 = *104
0 = *100 5 = *105
1 = *101 6 = *106
0000 = Jumper
D = ± 0.5 %
F = ± 1 %
J = ± 5 %
Z = Jumper
CT
C1
RP
R2
00 = Standard
L0 = Welding joint
not lacquered for
MBB/SMA 0207
KL = Lacquered
welding joint for
MBA/SMA 0204
PRODUCT DESCRIPTION: MBB/SMA 0207-50 1 % CECC 06 CT 1K0
MBB/SMA 0207
-
50
1 %
CECC 06
CT
1K0
TYPE/SIZE
TCR
TOLERANCE
VARIANT
PACKAGING
RESISTANCE
MBA/SMA 0204
MBB/SMA 0207
MBE/SMA 0414
± 25 ppm/K
± 50 ppm/K
± 0.5 %
± 1.0 %
± 5.0 %
CECC 06
CECC 06 L0
CECC 06 KL
CT
C1
RP
R2
1K0 = 1 k
51R1 = 51.1
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE - CECC APPROVED PRODUCTS (1)
TCR
TOLERANCE
RESISTANCE RANGE (2)(3)
MBA/SMA 0204
MBB/SMA 0207
MBE/SMA 0414
± 50 ppm/K
± 5 %
0.22
 to 0.91 
0.22
 to 0.91 
11 M
 to 22 M
0.22
 to 0.91 
± 1 %
1
 to 10 M
1
 to 10 M
1
 to 22 M
± 0.5 %
10
 to 332 k
10
 to 1 M
10
 to 2.43 M
± 25 ppm/K
± 1 %
10
 to 475 k
10
 to 1 M
10
 to 2.43 M
± 0.5 %
10
 to 475 k
10
 to 1 M
10
 to 2.43 M
Jumper
-
10 m; I
max. = 3.0 A
10 m, I
max. = 5.0 A
-
B2
V
C
1
0
F
C
T
0
B
M
70
1
0
0
0


Similar Part No. - MBA02042070C0000DCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
More results

Similar Description - MBA02042070C0000DCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204_15 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com