Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBA02042070D0000DCT00 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MBA02042070D0000DCT00
Description  Professional Thin Film Leaded Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA02042070D0000DCT00 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MBA02042070D0000DCT00 Datasheet HTML 5Page - Vishay Siliconix MBA02042070D0000DCT00 Datasheet HTML 6Page - Vishay Siliconix MBA02042070D0000DCT00 Datasheet HTML 7Page - Vishay Siliconix MBA02042070D0000DCT00 Datasheet HTML 8Page - Vishay Siliconix MBA02042070D0000DCT00 Datasheet HTML 9Page - Vishay Siliconix MBA02042070D0000DCT00 Datasheet HTML 10Page - Vishay Siliconix MBA02042070D0000DCT00 Datasheet HTML 11Page - Vishay Siliconix MBA02042070D0000DCT00 Datasheet HTML 12Page - Vishay Siliconix MBA02042070D0000DCT00 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
www.vishay.com
Revision: 03-Dec-12
31
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
Professional Thin Film Leaded Resistors
Vishay Beyschlag
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT\rARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
following specifications:
EN 60115-1, generic specification (includes tests)
EN 140100, sectional specification (includes schedule for
qualification approval)
EN 140101-806 (successor of CECC 40101-806), detail
specification (includes schedule for conformance inspection)
The Test and Requirements table contains only the most
important tests. For the full test schedule refer to the
documents listed above. The testing also covers most of the
requirements specified by EIA/IS-703 and JIS-C-5202.
The tests are carried out in accordance with IEC 60068-2-xx
test method and under standard atmospheric conditions in
accordance with IEC 60068-1, 5.3. Climatic category
LCT/UCT/56 (rated temperature range: Lower category
temperature, upper category temperature; damp heat,
steady state, test duration: 56 days) is valid.
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
For performing some of the tests, the components are
mounted on a test board in accordance with IEC 60115-1,
4.31.
In Test Procedures and Requirements table, only the tests
and requirements are listed with reference to the relevant
clauses of IEC 60115-1 and IEC 60068-2-xx test methods. A
short description of the test procedure is also given.
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2-
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R max.)
Stability for product
types:
STABILITY
CLASS 0.5
STABILITY
CLASS 1
STABILITY
CLASS 2
MBA/SMA 0204
1
 to 332 k
0.22
 to < 1 
> 332 k
MBB/SMA 0207
1
 to 1 M
0.22
 to < 1 
> 1 M
MBE/SMA 0414
1
 to 2.4 M
0.22
 to < 1 
> 2.4 M
4.5
-
Resistance
± 5 %
R; ± 1 % R; ± 0.5 % R
4.8
-
Temperature
coefficient
At (20/LCT/20) °C and
(20/UCT/20) °C
± 50 ppm/K; ± 25 ppm/K
4.25.1
-
Endurance
at 70
C:
Standard
operation mode
U =
or
U = Umax.;
1.5 h ON; 0.5 h OFF
70 °C; 1000 h
± (0.5 %
R + 0.05
) (1)
± 0.5 %
R
70 °C; 8000 h
± (1 %
R +0.05
) (2)
± 1 %
R
-
Endurance
at 70
C:
Long term
operation mode
U =
or
U = Umax.;
1.5 h ON; 0.5 h OFF
70 °C; 1000 h
± (0.25 %
R +0.05
) (3)
± 0.25 %
R
70 °C; 8000 h
± (0.5 %
R +0.05
) (4)
± 0.5 %
R
4.25.3
Endurance at
upper category
temperature
125 °C; 1000 h
± (0.25 %
R + 0.05
)
± (0.5 %
R + 0.05
)± 1 % R
155 °C; 1000 h
± (0.5 %
R + 0.05
)± (1 % R + 0.05 )± 2 % R
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C; 56 days;
(93 ± 3) % RH
± (0.5 %
R + 0.05
)± (1 % R + 0.05 )± 2 % R
P
70 x R
P
70 x R


Similar Part No. - MBA02042070D0000DCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
948Kb / 16P
   MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
More results

Similar Description - MBA02042070D0000DCT00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204_15 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com