Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3050-0000-000N0HX20E1 Datasheet(PDF) 2 Page - Cree, Inc

Part # CXA3050-0000-000N0HX20E1
Description  LED array expands Crees family of high flux, multi die integrated arrays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3050-0000-000N0HX20E1 Datasheet(HTML) 2 Page - Cree, Inc

  CXA3050-0000-000N0HX20E1 Datasheet HTML 1Page - Cree, Inc CXA3050-0000-000N0HX20E1 Datasheet HTML 2Page - Cree, Inc CXA3050-0000-000N0HX20E1 Datasheet HTML 3Page - Cree, Inc CXA3050-0000-000N0HX20E1 Datasheet HTML 4Page - Cree, Inc CXA3050-0000-000N0HX20E1 Datasheet HTML 5Page - Cree, Inc CXA3050-0000-000N0HX20E1 Datasheet HTML 6Page - Cree, Inc CXA3050-0000-000N0HX20E1 Datasheet HTML 7Page - Cree, Inc CXA3050-0000-000N0HX20E1 Datasheet HTML 8Page - Cree, Inc CXA3050-0000-000N0HX20E1 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
2
XLamp CXa3050 LED
characteristics
characteristics
unit
minimum
typical
maximum
viewing angle (FWHm)
degrees
115
eSD withstand voltage (HBm per mil-Std-883D)
v
8000
DC forward current
mA
2500*
Reverse current
mA
0.1
Forward voltage (@ 1400 mA, T
j = 85 °C)
v
37
Forward voltage (@ 1400 mA, T
j = 25 °C)
v
42
*
Refer to the operating Limits section.
oPerating limits
The maximum current rating of the CXA3050 is dependent on the case temperature (Tc) when the LeD has reached
thermal equilibrium under steady-state operation. please refer to the mechanical Drawings section on page 14 for the
location of the Tc measurement point.
CXA3050
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
2750
0
25
50
75
100
125
150
Case Temperature (°C)


Similar Part No. - CXA3050-0000-000N0HX20E1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3050 SONY-CXA3050 Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
CXA3050M SONY-CXA3050M Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
More results

Similar Description - CXA3050-0000-000N0HX20E1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com