Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1820-0000-000N00Q40E3 Datasheet(PDF) 6 Page - Cree, Inc

Part # CXA1820-0000-000N00Q40E3
Description  LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1820-0000-000N00Q40E3 Datasheet(HTML) 6 Page - Cree, Inc

Back Button CXA1820-0000-000N00Q40E3 Datasheet HTML 2Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 3Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 4Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 5Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 6Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 7Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 8Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 9Page - Cree, Inc CXA1820-0000-000N00Q40E3 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
6
XLamp CXa1820 LED
relative sPectral PoWer distribution (i
f = 550 ma, tJ = 85 °c)
The following graph is the result of a series of pulsed measurements at 550 mA and T
J = 85 °C.
electrical characteristics
The following graph is the result of a series of steady-state measurements.
Relative Spectral Power Distribution
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5000K, 70 CRI
4000K, 70 CRI
3000K, 80 CRI
3000K, 93 CRI
35
36
37
38
39
40
41
42
350
450
550
650
750
850
950
1050
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C


Similar Part No. - CXA1820-0000-000N00Q40E3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1821 SONY-CXA1821 Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
More results

Similar Description - CXA1820-0000-000N00Q40E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
logo
Ohmite Mfg. Co.
RES-30 OHMITE-RES-30 Datasheet
229Kb / 3P
   Ohmite Manufacturing?셲 family of High Energy
logo
Cree, Inc
CGD15HB62LP CREE-CGD15HB62LP Datasheet
439Kb / 8P
   Optimized for Cree?셲 High Performance
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com