Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOI2N60A Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOI2N60A
Description  600V,2A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOI2N60A Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOI2N60A Datasheet HTML 1Page - Alpha & Omega Semiconductors AOI2N60A Datasheet HTML 2Page - Alpha & Omega Semiconductors AOI2N60A Datasheet HTML 3Page - Alpha & Omega Semiconductors AOI2N60A Datasheet HTML 4Page - Alpha & Omega Semiconductors AOI2N60A Datasheet HTML 5Page - Alpha & Omega Semiconductors AOI2N60A Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOD2N60A/AOI2N60A
Symbol
Min
Typ
Max
Units
600
700
BVDSS
/∆TJ
0.7
V/
oC
1
10
IGSS
Gate-Body leakage current
±100
n
Α
VGS(th)
Gate Threshold Voltage
3.4
4
4.5
V
RDS(ON)
3.9
4.7
gFS
2.8
S
VSD
0.79
1
V
IS
Maximum Body-Diode Continuous Current
2
A
ISM
6
A
Ciss
295
pF
Coss
30
pF
Crss
2.3
pF
Rg
3.2
Qg
6.5
11
nC
Qgs
1.5
nC
Qgd
1.8
nC
tD(on)
16
ns
tr
11
ns
tD(off)
28
ns
Static Drain-Source On-Resistance
VGS=10V, ID=1A
Reverse Transfer Capacitance
VGS=0V, VDS=25V, f=1MHz
SWITCHING PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=300V, ID=2A,
RG=25Ω
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
BVDSS
µA
V
Zero Gate Voltage Drain Current
ID=250µA, VGS=0V
VDS=0V, VGS=±30V
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=25°C
ID=250µA, VGS=0V, TJ=150°C
IDSS
Zero Gate Voltage Drain Current
VDS=600V, VGS=0V
Gate Drain Charge
VDS=5V, ID=250µA
VDS=480V, TJ=125°C
IS=1A,VGS=0V
VDS=40V, ID=1A
Forward Transconductance
DYNAMIC PARAMETERS
Diode Forward Voltage
Gate resistance
f=1MHz
Total Gate Charge
VGS=10V, VDS=480V, ID=2A
Gate Source Charge
Maximum Body-Diode Pulsed Current
C
Input Capacitance
Output Capacitance
Turn-On DelayTime
tD(off)
28
ns
tf
14
ns
trr
268
ns
Qrr
1.6
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
IF=2A,dI/dt=100A/µs,VDS=100V
Turn-Off DelayTime
G
Turn-Off Fall Time
Body Diode Reverse Recovery Charge IF=2A,dI/dt=100A/µs,VDS=100V
Body Diode Reverse Recovery Time
A. The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation P
D is based on TJ(MAX)=150°C in a TO252 package, using junction-to-case thermal resistance, and is more useful in
setting the upper dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C.
D. The R θJA is the sum of the thermal impedance from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T
J(MAX)=150°C.
G.These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
H. L=60mH, I
AS=1.8A, VDD=150V, RG=10Ω, Starting TJ=25°C.
I. L=1.0mH, V
DD=150V, RG=25
, Starting T
J=25°C.
Rev.1.0 September 2013
www.aosmd.com
Page 2 of 6
万和兴电子有限公司 www.whxpcb.com


Similar Part No. - AOI2N60A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI2N60A AOSMD-AOI2N60A Datasheet
434Kb / 6P
   600V,2A N-Channel MOSFET
logo
Inchange Semiconductor ...
AOI2N60A ISC-AOI2N60A Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOI2N60A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT2N60 AOSMD-AOT2N60_10 Datasheet
165Kb / 6P
   600V,2A N-Channel MOSFET
AOD2N60 AOSMD-AOD2N60 Datasheet
148Kb / 6P
   2A, 600V N-Channel MOSFET
AOY2N60 AOSMD-AOY2N60 Datasheet
400Kb / 6P
   600V,2A N-Channel MOSFET
AOI2N60 AOSMD-AOI2N60 Datasheet
114Kb / 5P
   600V, 2A N-Channel MOSFET
AOD2C60 AOSMD-AOD2C60 Datasheet
254Kb / 6P
   600V,2A N-Channel MOSFET
AOD2N60 AOSMD-AOD2N60_10 Datasheet
332Kb / 6P
   600V, 2A N-Channel MOSFET
AOT2N60 AOSMD-AOT2N60 Datasheet
148Kb / 6P
   600V, 2A N-Channel MOSFET
AOU2N60A AOSMD-AOU2N60A Datasheet
434Kb / 6P
   600V,2A N-Channel MOSFET
logo
Advanced Monolithic Sys...
AMS2N60 AMS-AMS2N60 Datasheet
325Kb / 6P
   2A, 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com