Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFR25H0Z02208JA100 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # NFR25H0Z02208JA100
Description  Fusible, Non-Flammable Metal Film Leaded Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NFR25H0Z02208JA100 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button NFR25H0Z02208JA100 Datasheet HTML 2Page - Vishay Siliconix NFR25H0Z02208JA100 Datasheet HTML 3Page - Vishay Siliconix NFR25H0Z02208JA100 Datasheet HTML 4Page - Vishay Siliconix NFR25H0Z02208JA100 Datasheet HTML 5Page - Vishay Siliconix NFR25H0Z02208JA100 Datasheet HTML 6Page - Vishay Siliconix NFR25H0Z02208JA100 Datasheet HTML 7Page - Vishay Siliconix NFR25H0Z02208JA100 Datasheet HTML 8Page - Vishay Siliconix NFR25H0Z02208JA100 Datasheet HTML 9Page - Vishay Siliconix NFR25H0Z02208JA100 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28737
7
Revision: 30-Mar-10
NFR25, NFR25H
Vishay BCcomponents
Fusible, Non-Flammable Metal Film
Leaded Resistors
APPLICATION INFORMATION
NFR25 Hot-spot temperature rise (
ΔT)
as a function of dissipated power
Minimum distance from resistor body to P.C.B. = 1 mm
NFR25 Temperature rise (
ΔT) at thr lead end (soldering point) as a
function of dissipated power at various lead lengths after mounting
NFR25H Hot-spot temperature rise (
ΔT)
as a function of dissipated power
Minimum distance from resistor body to P.C.B. = 1 mm
NFR25H Temperature rise (
ΔT) at thr lead end (soldering point) as a
function of dissipated power at various lead lengths after mounting
TESTS AND REQUIREMENTES
Essentially all tests are carried out in accordance with
IEC 60115-1 specification, category LCT/UCT/56 (rated
temperature range: Lower category temperature, upper
category temperature; damp heat, long term, 56 days).
The tests are carried out in accordance with IEC 60068-2-xx
test
method,
“Recommended
basic
climatic
and
mechanical robustness testing procedure for electronic
components” and under standard atmospheric conditions
according to IEC 60068-1, 5.3.
In the Test Procedures and Requirements table the
tests and requirements are listed with reference to the
relevant clauses of IEC 60115-1 and IEC 60068-2-xx test
methods. A short description of the test procedure is also
given.
In
some
instances
deviations
from
the
IEC
recommendations were necessary for our method of
specifying. For inflammability requirements reference is
made to IEC 60115-1.
All soldering tests are performed with mildly activated flux.
100
0
0.2
0.6
0
0.4
20
40
60
80
P (W)
ΔT
(K)
50
0
0.2
0.6
0
0.4
10
20
30
40
P (W)
ΔT
(K)
15 mm
5 mm
10 mm
100
0
0.2
0.6
0
0.4
20
40
60
80
P (W)
ΔT
(K)
15 mm
5 mm
10 mm
50
0
0.2
0.6
0
0.4
10
20
30
40
P (W)
ΔT
(K)


Similar Part No. - NFR25H0Z02208JA100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
More results

Similar Description - NFR25H0Z02208JA100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
logo
Welwyn Components Limit...
FM1 WELWYN-FM1 Datasheet
110Kb / 2P
   Fusible Metal Film Resistors
logo
Riedon Powertron
MFFS-1 RIEDON-MFFS-1 Datasheet
45Kb / 1P
   Metal Film, Fusible Resistors
logo
Welwyn Components Limit...
FA8025 WELWYN-FA8025 Datasheet
117Kb / 2P
   Fusible Metal Film Resistors
logo
UNIOHM CORPORATION
FR-25 UNIOHM-FR-25 Datasheet
1Mb / 1P
   Fusible Metal Film Resistors
logo
Vishay Siliconix
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com