Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN0505E1000BBT3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PTN0505E1000BBT3
Description  Commercial Thin Film Chip Resistor, Surface Mount Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTN0505E1000BBT3 Datasheet(HTML) 3 Page - Vishay Siliconix

  PTN0505E1000BBT3 Datasheet HTML 1Page - Vishay Siliconix PTN0505E1000BBT3 Datasheet HTML 2Page - Vishay Siliconix PTN0505E1000BBT3 Datasheet HTML 3Page - Vishay Siliconix PTN0505E1000BBT3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PTN
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Mar-12
78
Document Number: 60026
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Preferred packaging code
FILM LOAD LIFE STABILITY (at + 125 °C)
0.1 %
0.06 %
0.05 %
0.04 %
0.03 %
0.02 %
0.01 %
0.006 %
0.005 %
0.004 %
0.003 %
0.002 %
0.001 %
1000 1200 1400 1600 1800 2000
Time in h at + 125 °C
Maximum
Absolute
Change
800
600
400
200
DERATING CURVE
Ambient Temperature °C
0
70
125
150
0
20
40
60
80
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: PTN1206E1002BBT1
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
PTN
0402
0502
0505
0603
0805
1005
1010
1206
1505
2208
2010
2512
E = ± 25 ppm/°C
H = ± 50 ppm/°C
K = ± 100 ppm/°C
The first 3 digits are
significant
figures
and the last digit
specifies the number
of zeros to follow.
“R” designates the
decimal point.
Example:
10R0 = 10
1000 = 100
1001 = 1 k
B = ± 0.1 %
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
B = Wraparound
Sn/Pb solder
Sn63
w/nickel barrier
G = Wraparound Au
over Ni (gold)
termination
epoxy bondable
RoHS compliant - e4
S = Wraparound
electroplated 100 %
pure matte tin
RoHS-compliant - e3
BS = BULK
100 min., 1 mult
WS = WAFFLE
100 min., 1 mult
W0 = WAFFLE
100 min., 100 mult
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult (1)
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel
TS = 100 min., 1 mult
Historical Part Number example: PTN0805H8801BBT (for reference purposes only)
PTN
0805
H
8801
B
B
T
STYLE
CASE SIZE
TCR
CHARACTERISTIC
OHMIC VALUE
TOLERANCE
TERMINATION
PACKAGING
06
E
1
0
2
B
0
1
BT
1
N
PT
2


Similar Part No. - PTN0505E1000BBT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN04050A TI-PTN04050A Datasheet
1Mb / 18P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTN04050AAD TI-PTN04050AAD Datasheet
1Mb / 18P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTN04050AAH TI-PTN04050AAH Datasheet
1Mb / 18P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTN04050AAS TI-PTN04050AAS Datasheet
1Mb / 18P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTN04050AAST TI-PTN04050AAST Datasheet
1Mb / 18P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
More results

Similar Description - PTN0505E1000BBT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTN VISHAY-PTN Datasheet
91Kb / 4P
   Commercial Thin Film Chip Resistor,Surface Mount Chip
Revision: 24-Aug-15
PTN1206E3321BST1 VISHAY-PTN1206E3321BST1 Datasheet
93Kb / 4P
   Commercial Thin Film Chip Resistor, Surface Mount Chip
Revision: 07-Mar-12
P1206E3322BBT VISHAY-P1206E3322BBT Datasheet
94Kb / 3P
   Commercial Thin Film Resistor, Surface Mount Chip
Revision: 27-Jun-13
PNS VISHAY-PNS Datasheet
93Kb / 3P
   Commercial Thin Film Resistor, Surface Mount Chip
Revision: 07-Aug-14
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
   Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
   Thin Film Chip Resistor
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
   THIN FILM CHIP RESISTOR
logo
RFE international
RMT06R-10K-B25 RFE-RMT06R-10K-B25 Datasheet
76Kb / 1P
   SURFACE MOUNT RMT Series: Thin Film Chip Resistor RESISTORS
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com