Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT06030CZ4641ZPW Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MCT06030CZ4641ZPW
Description  Professional Thin Film Chip Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT06030CZ4641ZPW Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MCT06030CZ4641ZPW Datasheet HTML 4Page - Vishay Siliconix MCT06030CZ4641ZPW Datasheet HTML 5Page - Vishay Siliconix MCT06030CZ4641ZPW Datasheet HTML 6Page - Vishay Siliconix MCT06030CZ4641ZPW Datasheet HTML 7Page - Vishay Siliconix MCT06030CZ4641ZPW Datasheet HTML 8Page - Vishay Siliconix MCT06030CZ4641ZPW Datasheet HTML 9Page - Vishay Siliconix MCT06030CZ4641ZPW Datasheet HTML 10Page - Vishay Siliconix MCT06030CZ4641ZPW Datasheet HTML 11Page - Vishay Siliconix MCT06030CZ4641ZPW Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 24-Jan-13
9
Document Number: 28705
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4.23
Climatic
sequence:
Standard
operation mode:
4.23.2
2 (Ba)
Dry heat
125 °C; 16 h
± (0.5 % R +0.05
)± (1 % R + 0.05 )
4.23.3
30 (Db)
Damp heat,
cyclic
55 °C; 24 h; > 90 % RH;
1 cycle
4.23.4
1 (Aa)
Cold
- 55 °C; 2 h
4.23.5
13 (M)
Low air pressure
8.5 kPa; 2 h; (25 ± 10) °C
4.23.6
30 (Db)
Damp heat,
cyclic
55 °C; 24 h; > 90 % RH;
5 cycles
4.23.7
-
DC load
U =
U
max.;
1 min.
-
1 (Aa)
Cold
- 55 °C; 2 h
± (0.1 % R +0.01
)
± (0.25 % R + 0.05
)
4.19
14 (Na)
Rapid change
of temperature
30 min at LCT and
30 min at UCT;
LCT = - 55 °C;
UCT = 125 °C;
5cycles
± (0.1 % R + 0.01
)
no visible damage
LCT = - 55 °C;
UCT = 125 °C;
1000 cycles
± (0.25 % R + 0.05
)
no visible damage
4.13
-
Short time
overload:
Standard
operation mode
U = 2.5 x
or U = 2 x Umax.;
whichever is the less severe;
5 s
±
(0.1 % R + 0.01 )±(0.25 % R + 0.05 )
Short time
overload:
Power
operation mode
U = 2.5 x
or U = 2 x Umax.;
whichever is the less severe;
5 s
±
(0.25 % R + 0.05 )±(0.5 % R + 0.05 )
4.27
-
Single pulse high
voltage overload:
Standard
operation mode
Severity no. 4:
U = 10 x
or U = 2 x Umax.;
whichever is the less severe;
10 pulses 10 μs/700 μs
± (0.5 % R + 0.05
)
no visible damage
4.37
-
Periodic electric
overload:
Standard
operation mode
U =
or U = 2 x Umax.;
0.1 s on; 2.5 s off;
whichever is the less severe;
1000 cycles
± (0.5 % R + 0.05
)
no visible damage
Periodic electric
overload:
Power
operation mode
U =
or U = 2 x Umax.;
0.1 s on; 2.5 s off;
whichever is the less severe;
1000 cycles
± (1 % R + 0.05
)
no visible damage
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
STABILITY CLASS 0.5
STABILITY CLASS 1
Stability for product types:
MCS 0402
10
 to 33.2 k
> 33.2 k
to 4.99 M
MCT 0603
10
 to 100 k
1
 to < 10 ;
> 100 k
 to 10 M
MCU 0805
10
 to 221 k
1
 to < 10 ;
> 221 k
 to 10 M
MCA 1206
10
 to 332 k
1
 to < 10 ;
> 332 k
 to 2 M
P
70 x R
P
70 x R
P
70 x R
P
70 x R
15
x P
70 x R
15
x P
70 x R


Similar Part No. - MCT06030CZ4641ZPW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT06030C1000FP500 VISHAY-MCT06030C1000FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1003FP500 VISHAY-MCT06030C1003FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1503FP500 VISHAY-MCT06030C1503FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C3300FP500 VISHAY-MCT06030C3300FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results

Similar Description - MCT06030CZ4641ZPW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4993FP500 VISHAY-MCT06030C4993FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C4700FE000 VISHAY-MCS04020C4700FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS-0402 VISHAY-MCS-0402 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1003FP500 VISHAY-MCT06030C1003FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C3300FP500 VISHAY-MCT06030C3300FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C1503FP500 VISHAY-MCT06030C1503FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCS04020C3320FE000 VISHAY-MCS04020C3320FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com