Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB30H35CT Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MBRB30H35CT
Description  Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBRB30H35CT Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MBRB30H35CT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBRB30H35CT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBRB30H35CT Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR30HxxCT, MBRF30HxxCT, MBRB30HxxCT
www.kersemi.com
2
Maximum Ratings (TC = 25 °C unless otherwise noted)
Parameter
Symbol MBR30H35CT MBR30H45CT MBR30H50CT MBR30H60CT
Unit
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
V
Working peak reverse voltage
VRWM
35
45
50
60
V
Maximum DC blocking voltage
VDC
35
45
50
60
V
Max. average forward rectified current
Total device
30
(see fig. 1)
Per leg
IF(AV)
15
A
Peak repetitive forward current at TC = 150 °C
(rated VR, 20 KHz sq. wave)
IFRM
30
A
Non-repetitive avalanche energy per leg
at 25
°C, IAS = 4 A, L = 10 mH
EAS
80
mJ
Peak forward surge current 8.3 ms single half sine-wave
IFSM
150
A
superimposed on rated load (JEDEC Method) per leg
Peak repetitive reverse surge current per leg
at tp = 2.0
µs, 1 KHZ
IRRM
1.0
0.5
A
Peak non-repetitive reverse energy (8/20
µs waveform)
ERSM
25
20
mJ
Electrostatic discharge capacitor voltage
VC
25
kV
Human body model: C = 100 pF, R = 1.5 k
Voltage rate of change (rated VR)
dv/dt
10,000
V/
µs
Operating junction temperature range
TJ
–65 to +175
°C
Storage temperature range
TSTG
–65 to +175
°C
RMS Isolation voltage (MBRF type only) from terminals
4500(1)
to heatsink with t = 1.0 second, RH
≤ 30%
VISOL
3500(2)
V
1500(3)
Electrical Characteristics (TC = 25 °C unless otherwise noted)
Parameter
Symbol
MBR30H35CT, MBR30H45CT MBR30H50CT, MBR30H60CT
Unit
Typ
Max
Typ
Max
Maximum instantaneous
at IF = 15 A
TJ = 25 °C
0.62
0.68
forward voltage per leg(4)
at IF = 15 A
TJ = 125 °C
VF
0.49
0.56
0.55
0.59
V
at IF = 30 A
TJ = 25 °C
0.73
0.83
at IF = 30 A
TJ =125 °C
0.62
0.67
0.68
0.71
Maximum instantaneous reverse current
TJ = 25 °C
80
60
µA
at rated DC blocking voltage per leg(4)
TJ =125 °C
IR
5.0
15
4.0
15
mA
Thermal Characteristics (TC = 25 °C unless otherwise noted)
Parameter
Symbol
MBR
MBRF
MBRB
Unit
Thermal resistance from junction to case per leg
R
θJC
1.5
4.5
1.5
°C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(2) Clip mounting (on case), where leads do overlap heatsink
(4) Pulse test: 300
µs pulse width, 1% duty cycle
Ordering Information
Product
Case
Package Code
Package Option
MBR30H35CT – MBR30H60CT
TO-220AB
45
Anti-Static tube, 50/tube, 2K/carton
MBRF30H35CT – MBRF30H60CT
ITO-220AB
45
Anti-Static tube, 50/tube, 2K/carton
31
13” reel, 800/reel, 4.8K/carton
MBRB30H35CT – MBRB30H60CT
TO-263AB
45
Anti-Static tube, 50/tube, 2K/carton
81
Anti-Static 13” reel, 800/reel, 4.8K/carton


Similar Part No. - MBRB30H35CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB30H35CT VISHAY-MBRB30H35CT Datasheet
86Kb / 3P
   Dual High-Voltage Schottky Rectifiers
7-Feb-03
MBRB30H35CT VISHAY-MBRB30H35CT Datasheet
161Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 31-Jul-08
logo
Kersemi Electronic Co.,...
MBRB30H35CT KERSEMI-MBRB30H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
More results

Similar Description - MBRB30H35CT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBRF25H35CT KERSEMI-MBRF25H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBRF30H35CT KERSEMI-MBRF30H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR15H50CT KERSEMI-MBR15H50CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR16H60 KERSEMI-MBR16H60 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBRF15H35CT KERSEMI-MBRF15H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR15H60CT KERSEMI-MBR15H60CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR10H45 KERSEMI-MBR10H45 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR10H50 KERSEMI-MBR10H50 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR15H35CT KERSEMI-MBR15H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR16H50 KERSEMI-MBR16H50 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBRF25H60CT KERSEMI-MBRF25H60CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com