Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1816-0000-000N0YM235H Datasheet(PDF) 3 Page - Cree, Inc

Part # CXA1816-0000-000N0YM235H
Description  CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N0YM235H Datasheet(HTML) 3 Page - Cree, Inc

  CXA1816-0000-000N0YM235H Datasheet HTML 1Page - Cree, Inc CXA1816-0000-000N0YM235H Datasheet HTML 2Page - Cree, Inc CXA1816-0000-000N0YM235H Datasheet HTML 3Page - Cree, Inc CXA1816-0000-000N0YM235H Datasheet HTML 4Page - Cree, Inc CXA1816-0000-000N0YM235H Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N0YM235H Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N0YM235H Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N0YM235H Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N0YM235H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
3
XLamp CXa1816 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, easyWhite order codes and bins (i
f = 450 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA1816 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 14).
cct
range
cri
base order codes
min. luminous flux
@ 450 ma
2-step order code
4-step order code
min
typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
6500 K
70
75
p2
1830
2028
65F
CXA1816-0000-000N00p265F
p4
1965
2177
CXA1816-0000-000N00p465F
Q2
2100
2327
CXA1816-0000-000N00Q265F
80
---
N4
1710
1895
65F
CXA1816-0000-000N0HN465F
p2
1830
2028
CXA1816-0000-000N0Hp265F
p4
1965
2177
CXA1816-0000-000N0Hp465F
5700 K
70
75
p2
1830
2028
57F
CXA1816-0000-000N00p257F
p4
1965
2177
CXA1816-0000-000N00p457F
Q2
2100
2327
CXA1816-0000-000N00Q257F
80
---
N4
1710
1895
57F
CXA1816-0000-000N0HN457F
p2
1830
2028
CXA1816-0000-000N0Hp257F
p4
1965
2177
CXA1816-0000-000N0Hp457F
5000 K
70
75
p2
1830
2028
50H
CXA1816-0000-000N00p250H
50F
CXA1816-0000-000N00p250F
p4
1965
2177
CXA1816-0000-000N00p450H
CXA1816-0000-000N00p450F
Q2
2100
2327
CXA1816-0000-000N00Q250H
CXA1816-0000-000N00Q250F
80
---
N4
1710
1895
50H
CXA1816-0000-000N0HN450H
50F
CXA1816-0000-000N0HN450F
p2
1830
2028
CXA1816-0000-000N0Hp250H
CXA1816-0000-000N0Hp250F
p4
1965
2177
CXA1816-0000-000N0Hp450H
CXA1816-0000-000N0Hp450F
90
95
m4
1485
1645
50H
CXA1816-0000-000N0Um450H
50F
CXA1816-0000-000N0Um450F
N2
1590
1762
CXA1816-0000-000N0UN250H
CXA1816-0000-000N0UN250F
N4
1710
1895
CXA1816-0000-000N0UN450H
CXA1816-0000-000N0UN450F


Similar Part No. - CXA1816-0000-000N0YM235H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1816-0000-000N0YM235H CREE-CXA1816-0000-000N0YM235H Datasheet
2Mb / 17P
   XLamp LED
More results

Similar Description - CXA1816-0000-000N0YM235H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com