Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2540-0000-000N00W450H Datasheet(PDF) 9 Page - Cree, Inc

Part # CXA2540-0000-000N00W450H
Description  LED array expands Crees family of high flux, multi die integrated arrays
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2540-0000-000N00W450H Datasheet(HTML) 9 Page - Cree, Inc

Back Button CXA2540-0000-000N00W450H Datasheet HTML 5Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 6Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 7Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 8Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 9Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 10Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 11Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 12Page - Cree, Inc CXA2540-0000-000N00W450H Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
9
XLamp CXa2540 LED
relative sPectral PoWer distribution (i
f = 1100 ma, tJ = 85 °c)
The following graph is the result of a series of pulsed measurements at 1100 mA and T
J = 85 °C.
electrical characteristics
The following graph is the result of a series of steady-state measurements.
Relative Spectral Power Distribution
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5000K, 70 CRI
4000K, 70 CRI
3000K, 80 CRI
3000K, 93 CRI
32
34
36
38
40
42
400
740
1080
1420
1760
2100
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C


Similar Part No. - CXA2540-0000-000N00W450H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540-0000-000N00W240F CREE-CXA2540-0000-000N00W240F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00W240H CREE-CXA2540-0000-000N00W240H Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

Similar Description - CXA2540-0000-000N00W450H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com