Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB20H150CT-1 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # MBRB20H150CT-1
Description  Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBRB20H150CT-1 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  MBRB20H150CT-1 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBRB20H150CT-1 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBRB20H150CT-1 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MBR20H150CT, MBRF20H150CT & MBRB20H150CT-1 Series
www.kersemi.com
3
0.1
0.3
0.2
0.4
0.6
0.8
1.0
0.5
0.7
0.9
1.1
1.2
100
10
0.1
1
0.1
0.01
1
10
100
1,000
10,000
0.01
1
100
10
10
100
0.1
0.1
1
Fig. 3 – Typical Instantaneous
Forward Characteristics Per Leg
1
10
100
100
1000
10000
0.1
10
Reverse Voltage (V)
10
20
30
50
70
100
40
60
80
90
Fig. 4 – Typical Reverse
Characteristics Per Leg
Fig. 6 – Typical Transient
Thermal Impedance Per Leg
t -- Pulse Duration (sec.)
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
0
5
10
15
20
25
30
25
50
75
100
125
150
175
Case Temperature (
°C)
0
20
40
60
80
100
120
140
160
180
200
220
240
200
1
10
100
Number of Cycles at 60 HZ
Fig. 5 – Typical Junction Capacitance
Per Leg
Fig. 1 – Forward Derating Curve
(Total)
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current Per Leg
TJ = 175
°C
TJ = 125
°C
TJ = 75
°C
TJ = 25
°C
MBRF
MBR, MBRB
MBRF
MBR, MBRB
TJ = 175
°C
TJ = 125
°C
TJ = 75
°C
TJ = 25
°C
TJ = TJmax
8.3ms single half-wave
(JEDEC Method)


Similar Part No. - MBRB20H150CT-1

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBRB20H150CT-1 KERSEMI-MBRB20H150CT-1 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRB20H150CT-1 KERSEMI-MBRB20H150CT-1 Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results

Similar Description - MBRB20H150CT-1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H90CT KERSEMI-MBRF30H90CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Sangdest Microelectroni...
DSS34 SMC-DSS34 Datasheet
305Kb / 4P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR30H100CT KERSEMI-MBR30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF3035C KERSEMI-MBRF3035C Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com