Electronic Components Datasheet Search |
|
NFR2500Z02207JR500 Datasheet(PDF) 3 Page - Vishay Siliconix |
|
NFR2500Z02207JR500 Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 10 page www.vishay.com For technical questions, contact: filmresistorsleaded@vishay.com Document Number: 28737 3 Revision: 30-Mar-10 NFR25, NFR25H Vishay BCcomponents Fusible, Non-Flammable Metal Film Leaded Resistors PRODUCTS WITH RADIAL LEADS (NFR25, NFR25H) Note • Please refer document number 28721 “Packaging” for more detail MARKING The nominal resistance and tolerance are marked on the resistor using four colored bands in accordance with IEC 60062, marking codes for resistors and capacitors. For ease of recognition a fifth ring is added, which is violet for type NFR25 and white for type NFR25H. OUTLINES The length of the body (L1) is measured by inserting the leads into holes of two identical gauge plates and moving these plates parallel to each other until the resistor body is clamped without deformation (IEC 60294). FUNCTIONAL PERFORMANCE, PRODUCT CHARACTERIZATION Standard values of nominal resistance are taken from the E24 series for resistors with a tolerance of ± 5 %. The values of the E24 series are in accordance with IEC 60063. Note (1) The maximum voltage that may be continuously applied to the resistor element, see IEC 60115-1. The maximum permissible hot-spot temperature is 155 °C. DIMENSIONS (Radial Taping) SYMBOL PARAMETER VALUE TOLERANCE UNIT P Pitch of components 12.7 ± 1.0 mm P0 Feed-hole pitch 12.7 ± 0.2 mm P1 Feed-hole centre to lead at topside at the tape 3.85 ± 0.5 mm P2 Feed-hole center to body center 6.35 ± 1.0 mm F Lead-to-lead distance 4.8 + 0.7/- 0 mm W Tape width 18.0 ± 0.5 mm W0 Minimum hold down tape width 5.5 - mm H1 Component height 29.0 Max. mm H0 Lead wire clinch height 16.5 ± 0.5 mm H Height of component from tape center 19.5 ± 1 mm D0 Feed-hole diameter 4.0 ± 0.2 mm L Maximum length of snipped lead 11.0 - mm L1 Minimum lead wire (tape portion) shortest lead 2.5 - mm P P 2 W W 0 D 0 P 1 P 0 L 1 L F H 0 H 1 H LIMITING VALUES TYPE LIMITING VOLTAGE U (1) (V) LIMITING POWER P70 (W) NFR25 250 0.33 NFR25H 350 0.5 |
Similar Part No. - NFR2500Z02207JR500 |
|
Similar Description - NFR2500Z02207JR500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |